Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 9Page - ATMEL Corporation AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation AT89LP51 Datasheet HTML 13Page - ATMEL Corporation AT89LP51 Datasheet HTML 14Page - ATMEL Corporation AT89LP51 Datasheet HTML 15Page - ATMEL Corporation AT89LP51 Datasheet HTML 16Page - ATMEL Corporation AT89LP51 Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 113 page
background image
13
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Figure 3-5.
Internal Data Memory Map
3.2.1
DATA
The first 128 bytes of RAM are directly addressable by an 8-bit address (00H–7FH) included in
the instruction. The lowest 32 bytes of DATA memory are grouped into 4 banks of 8 registers
each. The RS0 and RS1 bits (PSW.3 and PSW.4) select which register bank is in use. Instruc-
tions using register addressing will only access the currently specified bank. The lower 128 bit
addresses are also mapped into DATA addresses 20H—2FH.
3.2.2
IDATA
The full 256 byte internal RAM can be indirectly addressed using the 8-bit pointers R0 and R1.
The first 128 bytes of IDATA include the DATA space. The hardware stack is also located in the
IDATA space.
3.2.3
SFR
The upper 128 direct addresses (80H–FFH) access the I/O registers. I/O registers on AT89LP
devices are referred to as Special Function Registers. The SFRs can only be accessed through
direct addressing. All SFR locations are not implemented. See Section 4. for a listed of available
SFRs.
3.3
External Data Memory
AT89LP microcontrollers support a 16-bit external memory address space for up to 64K bytes of
external data memory (XDATA). The external memory space is accessed with the MOVX
instructions. Some internal data memory resources are mapped into portions of the external
address space as shown in Figure 3-6. These memory spaces may require configuration before
the CPU can access them. The AT89LP51/52 includes 256 bytes of nonvolatile Flash data
memory (FDATA).
3.3.1
XDATA
The external data memory space can accommodate up to 64KB of external memory. The
AT89LP51/52 uses the standard 8051 external data memory interface with the upper address
byte on Port 2, the lower address byte and data in/out multiplexed on Port 0, and the ALE, RD
and WR strobes. XDATA can be accessed with both 16-bit (MOVX @DPTR) and 8-bit (MOVX
@Ri) addresses. See Section 3.3.3 on page 17 for more details of the external memory
interface.
FFH
UPPER
128
80H
7FH
LOWER
128
0
ACCESSIBLE
BY DIRECT
ADDRESSING
FFH
80H
ACCESSIBLE
BY DIRECT
AND INDIRECT
ADDRESSING
SPECIAL
FUNCTION
REGISTERS
PORTS
STATUS AND
CONTROL BITS
REGISTERS
STACK POINTER
ACCUMULATOR
(ETC.)
TIMERS
ACCESSIBLE
BY INDIRECT
ADDRESSING
ONLY
IDATA
SFR
DATA/IDATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com