Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 10Page - ATMEL Corporation AT89LP51 Datasheet HTML 11Page - ATMEL Corporation AT89LP51 Datasheet HTML 12Page - ATMEL Corporation AT89LP51 Datasheet HTML 13Page - ATMEL Corporation AT89LP51 Datasheet HTML 14Page - ATMEL Corporation AT89LP51 Datasheet HTML 15Page - ATMEL Corporation AT89LP51 Datasheet HTML 16Page - ATMEL Corporation AT89LP51 Datasheet HTML 17Page - ATMEL Corporation AT89LP51 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 113 page
background image
14
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Some internal data memory spaces are mapped into portions of the XDATA address space. In
this case the lower address ranges will access internal resources instead of external memory.
Addresses above the range implemented internally will default to XDATA. The AT89LP51/52
supports up to 63.75K or 56K bytes of external memory when using the internally mapped mem-
ories. Setting the EXRAM bit (AUXR.1) to one will force all MOVX instructions to access the
entire 64KB XDATA regardless of their address (See “AUXR – Auxiliary Control Register” on
page 19).
Figure 3-6.
External Data Memory Map
3.3.2
FDATA
The Flash Data Memory is a portion of the external memory space implemented as an internal
nonvolatile data memory. Flash Data Memory is enabled by setting the DMEN bit (MEMCON.3)
to one. When IAP = 0 and DMEN = 1, the Flash Data Memory is mapped into the FDATA space,
at the bottom of the external memory address space, from 0000H to 00FFH. (See Figure 3-6).
MOVX instructions to this address range will access the internal nonvolatile memory. FDATA is
not accessible while DMEN = 0. FDATA can be accessed only by 16-bit (MOVX @DPTR)
addresses. MOVX @Ri instructions to the FDATA address range will access external memory.
Addresses above the FDATA range are mapped to XDATA.
3.3.2.1
Write Protocol
The FDATA address space accesses an internal nonvolatile data memory. This address space
can be read just like EDATA by issuing a MOVX A,@DPTR; however, writes to FDATA require a
more complex protocol and take several milliseconds to complete.
For internal execution the AT89LP51/52 uses an idle-while-write architecture where the CPU is
placed in an idle state while the write occurs. When the write completes, the CPU will continue
executing with the instruction after the MOVX @DPTR,A instruction that started the write. All
Flash Data
(FDATA: 256)
00FF
1FFF
2000
Flash Program
(CODE: 8KB)
0000
0100
FFFF
External Data
(XDATA: 64KB)
External Data
(XDATA: 63.75KB)
External Data
(XDATA: 56KB)
FFFF
FFFF
EXRAM = 1 or
DMEN = 0
IAP = 0
EXRAM = 0
DMEN = 1
IAP = 0
EXRAM = 0
DMEN = x
IAP = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com