Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT89LP51 Datasheet HTML 1Page - ATMEL Corporation AT89LP51 Datasheet HTML 2Page - ATMEL Corporation AT89LP51 Datasheet HTML 3Page - ATMEL Corporation AT89LP51 Datasheet HTML 4Page - ATMEL Corporation AT89LP51 Datasheet HTML 5Page - ATMEL Corporation AT89LP51 Datasheet HTML 6Page - ATMEL Corporation AT89LP51 Datasheet HTML 7Page - ATMEL Corporation AT89LP51 Datasheet HTML 8Page - ATMEL Corporation AT89LP51 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 113 page
background image
Features
• 8-bit Microcontroller Compatible with 8051 Products
• Enhanced 8051 Architecture
– Single Clock Cycle per Byte Fetch
– 12 Clock per Machine Cycle Compatibility Mode
– Up to 20 MIPS Throughput at 20 MHz Clock Frequency
– Fully Static Operation: 0 Hz to 20 MHz
– On-chip 2-cycle Hardware Multiplier
– 256 x 8 Internal RAM
– External Data/Program Memory Interface
– Dual Data Pointers
– 4-level Interrupt Priority
• Nonvolatile Program and Data Memory
– 4K/8K Bytes of In-System Programmable (ISP) Flash Program Memory
– 256 Bytes of Flash Data Memory
– 256-byte User Signature Array
– Endurance: 10,000 Write/Erase Cycles
– Serial Interface for Program Downloading
– 64-byte Fast Page Programming Mode
– 3-level Program Memory Lock for Software Security
– In-Application Programming of Program Memory
• Peripheral Features
– Three 16-bit Timer/Counters with Clock Out Modes
– Enhanced UART
• Automatic Address Recognition
• Framing Error Detection
• SPI and TWI Emulation Modes
– Programmable Watchdog Timer with Software Reset and Prescaler
• Special Microcontroller Features
– Brown-out Detection and Power-on Reset with Power-off Flag
– Selectable Polarity External Reset Pin
– Low Power Idle and Power-down Modes
– Interrupt Recovery from Power-down Mode
– Internal 1.8432 MHz Auxiliary Oscillator
• I/O and Packages
– Up to 36 Programmable I/O Lines
– Green (Pb/Halide-free) Packages
• 40-lead PDIP
• 44-lead TQFP/PLCC
• 44-pad VQFN/MLF
– Configurable Port Modes (per 8-bit port)
• Quasi-bidirectional (80C51 Style)
• Input-only (Tristate)
• Push-pull CMOS Output
• Open-drain
• Operating Conditions
– 2.4V to 5.5V V
CC Voltage Range
–-40
° C to 85°C Temperature Range
– 0 to 20 MHz @ 2.4V–5.5V
– 0 to 25 MHz @ 4.5V–5.5V
8-bit
Microcontroller
with 8K Bytes
In-System
Programmable
Flash
AT89LP51
AT89LP52
Preliminary
3709B–MICRO–12/10


Similar Part No. - AT89LP51

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT89LP51 ATMEL-AT89LP51 Datasheet
4Mb / 113P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89LP51-20AU ATMEL-AT89LP51-20AU Datasheet
4Mb / 113P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89LP51-20JU ATMEL-AT89LP51-20JU Datasheet
4Mb / 113P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89LP51-20MU ATMEL-AT89LP51-20MU Datasheet
4Mb / 113P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
AT89LP51-20PU ATMEL-AT89LP51-20PU Datasheet
4Mb / 113P
8-bit Microcontroller with 4K/8K Bytes In-System Programmable Flash
More results

Similar Description - AT89LP51

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90PWM3 ATMEL-AT90PWM3 Datasheet
3Mb / 365P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90S8515 ATMEL-AT90S8515_01 Datasheet
2Mb / 112P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_05 Datasheet
478Kb / 39P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA48V ATMEL-ATMEGA48V_06 Datasheet
3Mb / 374P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88 Datasheet
210Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT90PWM1 ATMEL-AT90PWM1 Datasheet
399Kb / 20P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
AT89S52 ATMEL-AT89S52_08 Datasheet
576Kb / 38P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA88 ATMEL-ATMEGA88_1 Datasheet
369Kb / 10P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATMEGA8515 ATMEL-ATMEGA8515_10 Datasheet
1Mb / 257P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
ATTINY25B ATMEL-ATTINY25B Datasheet
254Kb / 7P
8-bit Microcontroller with 8K Bytes In-System Programmable Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com