Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 37Page - ATMEL Corporation AT89LP51 Datasheet HTML 38Page - ATMEL Corporation AT89LP51 Datasheet HTML 39Page - ATMEL Corporation AT89LP51 Datasheet HTML 40Page - ATMEL Corporation AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation AT89LP51 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 113 page
background image
41
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
.
10.1.1
Quasi-bidirectional Output
Port pins in quasi-bidirectional output mode function similar to standard 8051 port pins. A Quasi-
bidirectional port can be used both as an input and output without the need to reconfigure the
port. This is possible because when the port outputs a logic high, it is weakly driven, allowing an
external device to pull the pin low. When the pin is driven low, it is driven strongly and able to
sink a large current. There are three pull-up transistors in the quasi-bidirectional output that
serve different purposes.
One of these pull-ups, called the “very weak” pull-up, is turned on whenever the port latch for the
pin contains a logic “1”. This very weak pull-up sources a very small current that will pull the pin
high if it is left floating. When the pin is pulled low externally this pull-up will always source some
current.
A second pull-up, called the “weak” pull-up, is turned on when the port latch for the pin contains
a logic “1” and the pin itself is also at a logic “1” level. This pull-up provides the primary source
current for a quasi-bidirectional pin that is outputting a “1”. If this pin is pulled low by an external
device, this weak pull-up turns off, and only the very weak pull-up remains on. In order to pull the
pin low under these conditions, the external device has to sink enough current to overpower the
weak pull-up and pull the port pin below its input threshold voltage.
The third pull-up is referred to as the “strong” pull-up. This pull-up is used to speed up low-to-
high transitions on a quasi-bidirectional port pin when the port latch changes from a logic “0” to a
logic “1”. When this occurs, the strong pull-up turns on for one CPU clock, quickly pulling the port
pin high. The quasi-bidirectional port configuration is shown in Figure 10-1.
10.1.2
Input-only Mode
The input only port configuration is shown in Figure 10-2. The output drivers are tristated. The
input includes a Schmitt-triggered input for improved input noise rejection. The input circuitry of
P3.2, P3.3, P4.6 and P4.7 is not disabled during Power-down (see Figure 10-3) and therefore
these pins should not be left floating during Power-down when configured in this mode.
Input-only mode can reduce power consumption for low-level inputs over quasi-bidirectional
mode because the “very weak” pull-up is turned off and only very small leakage current in the
sub microamp range is present.
Table 10-3.
PMOD
– Port Mode Register
PMOD = C1H
Reset Value = 0000 0011B
Not Bit Addressable
P3M1
P3M0
P2M1
P2M0
P1M1
P1M0
P0M1
P0M0
Bit
7
6
543
21
0
Symbol
Function
P3M1-0
Port 3 Configuration Mode
P2M
1-0
Port 2 Configuration Mode
P1M1-0
Port 1 Configuration Mode
P0M1-0
Port 0 Configuration Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com