Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 25 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 25 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 21Page - ATMEL Corporation AT89LP51 Datasheet HTML 22Page - ATMEL Corporation AT89LP51 Datasheet HTML 23Page - ATMEL Corporation AT89LP51 Datasheet HTML 24Page - ATMEL Corporation AT89LP51 Datasheet HTML 25Page - ATMEL Corporation AT89LP51 Datasheet HTML 26Page - ATMEL Corporation AT89LP51 Datasheet HTML 27Page - ATMEL Corporation AT89LP51 Datasheet HTML 28Page - ATMEL Corporation AT89LP51 Datasheet HTML 29Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 113 page
background image
25
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
5.2
Compatibility Mode
Compatibility (12-Clock) mode is enabled by default from the factory or by setting the Compati-
bility User Fuse. In Compatibility mode instruction bytes are fetched every three system clock
cycles and the CPU operates with 6-state machine cycles and a divide-by-2 system clock for 12
oscillator periods per machine cycle. Standard instructions execute in1, 2 or 4 machine cycles.
Instruction timing in this mode is compatible with standard 8051s such as the AT89S51/52.
Compatibility mode can be used to preserve the execution profiles of legacy applications. For a
summary of differences between Fast and Compatibility modes see Table 2-1 on page 9. Exam-
ples of Compatibility mode instructions are shown in Figure 5-2.
Figure 5-2.
Instruction Execution Sequences in Compatibility Mode
5.3
Enhanced Dual Data Pointers
The AT89LP51/52 provides two 16-bit data pointers: DPTR0 formed by the register pair DPOL
and DPOH (82H an 83H), and DPTR1 formed by the register pair DP1L and DP1H (84H and
85H). The data pointers are used by several instructions to access the program or data memo-
ries. The Data Pointer Configuration Register (AUXR1) controls operation of the dual data
pointers (Table 5-3 on page 27). The DPS bit in AUXR1 selects which data pointer is currently
referenced by instructions including the DPTR operand. Each data pointer may be accessed at
its respective SFR addresses regardless of the DPS value. The AT89LP51/52 provides two
methods for fast context switching of the data pointers:
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
S2
S2
S3
S3
S4
S4
S5
S5
S6
S6
S1
S1
CLK
CLK
ALE
ALE
READ OPCODE
READ OPCODE
(A) 1-byte, 1-cycle instruction, e.g., INC A
A
(B) 2-byte, 1-cycle instruction, e.g., ADD A, #data
(B) 2-byte, 1-cycle instruction, e.g., ADD A, #data
(C) 1-byte, 2-cycle instruction, e.g., INC DPTR
(C) 1-byte, 2-cycle instruction, e.g., INC DPTR
(D) MOVX (1-byte, 2-cycle)
(D) MOVX (1-byte, 2-cycle)
READ NEXT
READ NEXT
OPCODE
OPCODE
(DISCARD)
(DISCARD)
READ NEXT OPCODE AGAIN
READ NEXT OPCODE AGAIN
READ OPCODE
READ OPCODE
READ 2ND
READ 2ND
BYTE
BYTE
READ NEXT OPCODE
READ NEXT OPCODE
READ OPCODE
READ OPCODE
READ NEXT
READ NEXT
OPCODE AGAIN
OPCODE AGAIN
READ
READ
OPCODE
OPCODE
(MOVX)
(MOVX)
NO
NO
ALE
ALE
READ NEXT
READ NEXT
OPCODE (DISCARD)
OPCODE (DISCARD)
READ NEXT
READ NEXT
OPCODE
OPCODE
AGAIN
AGAIN
NO
NO
FETCH
FETCH
DA
DATA
ACCESS EXTERNAL MEMOR
ACCESS EXTERNAL MEMORY
ADDR
ADDR
NO
NO
FETCH
FETCH
READ NEXT
READ NEXT
OPCODE (DISCARD)
OPCODE (DISCARD)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com