Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 43 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 43 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 39Page - ATMEL Corporation AT89LP51 Datasheet HTML 40Page - ATMEL Corporation AT89LP51 Datasheet HTML 41Page - ATMEL Corporation AT89LP51 Datasheet HTML 42Page - ATMEL Corporation AT89LP51 Datasheet HTML 43Page - ATMEL Corporation AT89LP51 Datasheet HTML 44Page - ATMEL Corporation AT89LP51 Datasheet HTML 45Page - ATMEL Corporation AT89LP51 Datasheet HTML 46Page - ATMEL Corporation AT89LP51 Datasheet HTML 47Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 113 page
background image
43
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
10.1.4
Push-pull Output
The push-pull output configuration has the same pull-down structure as both the open-drain and
the quasi-bidirectional output modes, but provides a continuous strong pull-up when the port
latch contains a logic “1”. The push-pull mode may be used when more source current is needed
from a port output. The push-pull port configuration is shown in Figure 10-5.
Figure 10-5. Push-pull Output
10.2
Port Read-Modify-Write
A read from a port will read either the state of the pins or the state of the port register depending
on which instruction is used. Simple read instructions will always access the port pins directly.
Read-modify-write instructions, which read a value, possibly modify it, and then write it back, will
always access the port register. This includes bit write instructions such as CLR or SETB as they
actually read the entire port, modify a single bit, then write the data back to the entire port. See
Table 10-4 for a complete list of Read-Modify-Write instruction which may access the ports.
Port
Pin
VCC
From Port
Register
Input
Data
PWD
Table 10-4.
Port Read-Modify-Write Instructions
Mnemonic
Instruction
Example
ANL
Logical AND
ANL P1, A
ORL
Logical OR
ORL P1, A
XRL
Logical EX-OR
XRL P1, A
JBC
Jump if bit set and clear bit
JBC P3.0, LABEL
CPL
Complement bit
CPL P3.1
INC
Increment
INC P1
DEC
Decrement
DEC P3
DJNZ
Decrement and jump if not zero
DJNZ P3, LABEL
MOV PX.Y, C
Move carry to bit Y of Port X
MOV P1.0, C
CLR PX.Y
Clear bit Y of Port X
CLR P1.1
SETB PX.Y
Set bit Y of Port X
SETB P3.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com