Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 49Page - ATMEL Corporation AT89LP51 Datasheet HTML 50Page - ATMEL Corporation AT89LP51 Datasheet HTML 51Page - ATMEL Corporation AT89LP51 Datasheet HTML 52Page - ATMEL Corporation AT89LP51 Datasheet HTML 53Page - ATMEL Corporation AT89LP51 Datasheet HTML 54Page - ATMEL Corporation AT89LP51 Datasheet HTML 55Page - ATMEL Corporation AT89LP51 Datasheet HTML 56Page - ATMEL Corporation AT89LP51 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 113 page
background image
53
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Figure 12-2. Timer 2 Diagram: Auto-Reload Mode (DCEN = 0)
Figure 12-3. Timer 2 Waveform: Auto-Reload Mode (DCEN = 0)
12.3.2
Up or Down Counter
Setting DCEN = 1 enables Timer 2 to count up or down, as shown in Figure 12-5. In this mode,
the T2EX pin controls the direction of the count (if EXEN2 = 1). A logic 1 at T2EX makes Timer 2
count up. When T2CM
1-0 = 00B, the timer will overflow at MAX and set the TF2 bit. This overflow
also causes BOTTOM, the 16-bit value in RCAP2H and RCAP2L, to be reloaded into the timer
registers, TH2 and TL2, respectively. A logic 0 at T2EX makes Timer 2 count down. The timer
underflows when TH2 and TL2 equal BOTTOM, the 16-bit value stored in RCAP2H and
RCAP2L. The underflow sets the TF2 bit and causes MAX to be reloaded into the timer regis-
ters. The EXF2 bit toggles whenever Timer 2 overflows or underflows and can be used as a 17th
bit of resolution. In this operating mode, EXF2 does not flag an interrupt.
The behavior of Timer 2 when DCEN is enabled is shown in Figure 12-4.
Figure 12-4. Timer 2 Waveform: Auto-Reload Mode (DCEN = 1)
÷CDV
TL2
TH2
OSC
÷TPS
MAX
MIN
BOTTOM
TF2 Set
MAX
MIN
BOTTOM
T2EX
TF2 Set
EXF2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com