Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 72 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 72 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 68Page - ATMEL Corporation AT89LP51 Datasheet HTML 69Page - ATMEL Corporation AT89LP51 Datasheet HTML 70Page - ATMEL Corporation AT89LP51 Datasheet HTML 71Page - ATMEL Corporation AT89LP51 Datasheet HTML 72Page - ATMEL Corporation AT89LP51 Datasheet HTML 73Page - ATMEL Corporation AT89LP51 Datasheet HTML 74Page - ATMEL Corporation AT89LP51 Datasheet HTML 75Page - ATMEL Corporation AT89LP51 Datasheet HTML 76Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 113 page
background image
72
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
Figure 14-8. Serial Port Mode 3
TX
CLOCK
WRITE TO SBUF
SEND
DATA
SHIFT
TXD
STOP BIT GEN
TI
D0
D1
D2
D3
D4
D5
D6
D7
TB8
STOP BIT
START BIT
INTERNAL BUS
READ
SBUF
LOAD
SBUF
SBUF
SHIFT
INPUT SHIFT REG.
(9 BITS)
BIT
DETECTOR
1-TO-0
TRANSITION
DETECTOR
SERIAL
PORT
INTERRUPT
WRITE
TO
SBUF
÷2
SMOD1
TIMER 1
OVERFLOW
RXD
RX CLOCK
RX CLOCK
RX CONTROL
START
START
DATA
SAMPLE
÷16
÷16
TX CONTROL
TI
ZERO DETECTOR
SBUF
TXD
INTERNAL BUS
TB8
D
Q
CL
S
LOAD
SBUF
SHIFT
1FFH
SHIFT
RI
SEND
D0
D1
D2
D3
D4
D5
D6
D7
RB8
START BIT
STOP
BIT
÷16 RESET
RX
CLOCK
BIT DETECTOR SAMPLE TIMES
SHIFT
RXD
RI
STOP BIT
TIMER 2
OVERFLOW
TCLK
RCLK
“0”
“0”
“1”
“1”
“0”
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com