Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 74 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 74 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 70Page - ATMEL Corporation AT89LP51 Datasheet HTML 71Page - ATMEL Corporation AT89LP51 Datasheet HTML 72Page - ATMEL Corporation AT89LP51 Datasheet HTML 73Page - ATMEL Corporation AT89LP51 Datasheet HTML 74Page - ATMEL Corporation AT89LP51 Datasheet HTML 75Page - ATMEL Corporation AT89LP51 Datasheet HTML 76Page - ATMEL Corporation AT89LP51 Datasheet HTML 77Page - ATMEL Corporation AT89LP51 Datasheet HTML 78Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 113 page
background image
74
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
MOV WDTRST, #05Ah
MOV WDTRST, #0A5h
Note:
1. WDTCON.4 and WDTCON.3 function as WDIDLE and DISRTO only in Fast mode. In Compatibility mode these bits are in
AUXR. (See Table 3-3 on page 19)
Table 15-2.
WDTCON – Watchdog Control Register
WDTCON Address = A7H
Reset Value = 0000 0XX0B
Not Bit Addressable
PS2PS1PS0
WDIDLE(1)
DISRTO(1)
SWRST
WDTOVF
WDTEN
Bit
7
654
321
0
Symbol
Function
PS2
PS1
PS0
Prescaler bits for the watchdog timer (WDT). When all three bits are cleared to 0, the watchdog timer has a nominal
period of 16K clock cycles. When all three bits are set to 1, the nominal period is 2048K clock cycles.
WDIDLE
WDT Disable during Idle(1). When WDIDLE = 0 the WDT continues to count in Idle mode. When WDIDLE = 1 the WDT
halts counting in Idle mode.
DISRTO
Disable Reset Output(1). When DISTRO = 0 the reset pin is driven to the same level as POL when the WDT resets.
When DISRTO = 1 the reset pin is input only.
SWRST
Software Reset Flag. Set when a software reset is generated by writing the sequence 5AH/A5H to WDTRST. Also set
when an incorrect sequence is written to WDTRST. Must be cleared by software.
WDTOVF
Watchdog Overflow Flag. Set when a WDT rest is generated by the WDT timer overflow. Also set when an incorrect
sequence is written to WDTRST. Must be cleared by software.
WDTEN
Watchdog Enable Flag. This bit is READ-ONLY and reflects the status of the WDT (whether it is running or not). The
WDT is disabled after any reset and must be re-enabled by writing 1EH/E1H to WDTRST
Table 15-3.
WDTRST – Watchdog Reset Register
WDTCON Address = A6H
(Write-Only)
Not Bit Addressable
–
–
–
–––
––
Bit
7
654
321
0
The WDT is enabled by writing the sequence 1EH/E1H to the WDTRST SFR. The current status may be checked by reading
the WDTEN bit in WDTCON. To prevent the WDT from resetting the device, the same sequence 1EH/E1H must be written to
WDTRST before the time-out interval expires. A software reset is generated by writing the sequence 5AH/A5H to WDTRST.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com