Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 19Page - ATMEL Corporation AT89LP51 Datasheet HTML 20Page - ATMEL Corporation AT89LP51 Datasheet HTML 21Page - ATMEL Corporation AT89LP51 Datasheet HTML 22Page - ATMEL Corporation AT89LP51 Datasheet HTML 23Page - ATMEL Corporation AT89LP51 Datasheet HTML 24Page - ATMEL Corporation AT89LP51 Datasheet HTML 25Page - ATMEL Corporation AT89LP51 Datasheet HTML 26Page - ATMEL Corporation AT89LP51 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 113 page
background image
23
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
4.
Special Function Registers
A map of the on-chip memory area called the Special Function Register (SFR) space is shown in
Table 4-1.
Note that not all of the addresses are occupied, and unoccupied addresses may not be imple-
mented on the chip. Read accesses to these addresses will in general return random data, and
write accesses will have an indeterminate effect. User software should not write to these unlisted
locations, since they may be used in future products to invoke new features.
Notes:1. All SFRs in the left-most column are bit-addressable.
2. Reset value is 0101 0101B when Tristate-Port Fuse is enabled and 0000 0011B when disabled.
3. Reset value is 0101 0010B when Compatibility mode is enabled and 0000 0000B when disabled.
Table 4-1.
AT89LP51/52 SFR Map and Reset Values
8
9A
B
C
D
E
F
0F8H
0FFH
0F0H
B
0000 0000
0F7H
0E8H
0EFH
0E0H
ACC
0000 0000
0E7H
0D8H
0DFH
0D0H
PSW
0000 0000
0D7H
0C8HT2CON
0000 0000
T2MOD
0000 0000
RCAP2L
0000 000
RCAP2H
0000 0000
TL2
0000 000
TH2
0000 0000
0CFH
0C0H
P4
1111 1111
PMOD
(2)
0C7H
0B8H
IP
xx00 0000
SADEN
0000 0000
0BFH
0B0H
P3
1111 1111
IPH
xx00 0000
0B7H
0A8H
IE
0x00 0000
SADDR
0000 0000
0AFH
0A0H
P2
1111 1111
AUXR1
0000 00x0
WDTRST
(write-only)
WDTCON
0000 0xx0
0A7H
98H
SCON
0000 0000
SBUF
xxxx xxxx
9FH
90H
P1
1111 1111
TCONB
000x xxxx
MEMCON
0000 00xx
97H
88H
TCON
0000 0000
TMOD
0000 0000
TL0
0000 0000
TL1
0000 0000
TH0
0000 0000
TH1
0000 0000
AUXR
0000 0000
CLKREG
(3)
8FH
80H
P0
1111 1111
SP
0000 0111
DP0L
0000 0000
DP0H
0000 0000
DP1L
0000 0000
DP1H
0000 0000
PCON
000x 0000
87H
0
123
456
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com