Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89LP51 Datasheet(PDF) 26 Page - ATMEL Corporation

Part # AT89LP51
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89LP51 Datasheet(HTML) 26 Page - ATMEL Corporation

Back Button AT89LP51 Datasheet HTML 22Page - ATMEL Corporation AT89LP51 Datasheet HTML 23Page - ATMEL Corporation AT89LP51 Datasheet HTML 24Page - ATMEL Corporation AT89LP51 Datasheet HTML 25Page - ATMEL Corporation AT89LP51 Datasheet HTML 26Page - ATMEL Corporation AT89LP51 Datasheet HTML 27Page - ATMEL Corporation AT89LP51 Datasheet HTML 28Page - ATMEL Corporation AT89LP51 Datasheet HTML 29Page - ATMEL Corporation AT89LP51 Datasheet HTML 30Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 113 page
background image
26
3709B–MICRO–12/10
AT89LP51/52 - Preliminary
• Bit 2 of AUXR1 is hard-wired as a logic 0. The DPS bit may be toggled (to switch data
pointers) simply by incrementing the AUXR1 register, without altering other bits in the register
unintentionally. This is the preferred method when only a single data pointer will be used at
one time.
EX:
INC
AUXR1
; Toggle DPS
•In some cases, both data pointers must be used simultaneously. To prevent frequent toggling
of DPS, the AT89LP51/52 supports a prefix notation for selecting the opposite data pointer
per instruction. All DPTR instructions, with the exception of JMP @A+DPTR, when prefixed
with an 0A5H opcode will use the inverse value of DPS (DPS) to select the data pointer.
Some assemblers may support this operation by using the /DPTR operand. For example, the
following code performs a block copy within EDATA:
MOV
AUXR1, #00H
; DPS = 0
MOV
DPTR, #SRC
; load source address to dptr0
MOV
/DPTR, #DST
; load destination address to dptr1
MOV
R7, #BLKSIZE
; number of bytes to copy
COPY:
MOVX A, @DPTR
; read source (dptr0)
INC
DPTR
; next src (dptr0+1)
MOVX @/DPTR, A
; write destination (dptr1)
INC
/DPTR
; next dst (dptr1+1)
DJNZ R7, COPY
For assemblers that do not support this notation, the 0A5H prefix must be declared in-line:
EX:
DB
0A5H
INC
DPTR
; equivalent to INC /DPTR
A summary of data pointer instructions with fast context switching is listed inTable 5-1.
5.3.1
Data Pointer Update
The Dual Data Pointers on the AT89LP51/52 include two features that control how the data
pointers are updated. The data pointer decrement bits, DPD1 and DPD0 in AUXR1, configure
the INC DPTR instruction to act as DEC DPTR. The resulting operation will depend on DPS as
shown in Table 5-2. These bits also control the direction of auto-updates during MOVC and
MOVX.
Table 5-1.
Data Pointer Instructions
Instruction
Operation
DPS = 0
DPS = 1
JMP @A+DPTR
JMP @A+DPTR0
JMP @A+DPTR1
MOV DPTR, #data16
MOV DPTR0, #data16
MOV DPTR1, #data16
MOV /DPTR, #data16
MOV DPTR1, #data16
MOV DPTR0, #data16
INC DPTR
INC DPTR0
INC DPTR1
INC /DPTR
INC DPTR1
INC DPTR0
MOVC A,@A+DPTR
MOVC A,@A+DPTR0
MOVC A,@A+DPTR1
MOVC A,@A+/DPTR
MOVC A,@A+DPTR1
MOVC A,@A+DPTR0
MOVX A,@DPTR
MOVX A,@DPTR0
MOVX A,@DPTR1
MOVX A,@/DPTR
MOVX A,@DPTR1
MOVX A,@DPTR0
MOVX @DPTR, A
MOVX @DPTR0, A
MOVX @DPTR1, A
MOVX @/DPTR, A
MOVX @DPTR1, A
MOVX @DPTR0, A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com