Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 35 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 35 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 31Page - Semtech Corporation SX8663 Datasheet HTML 32Page - Semtech Corporation SX8663 Datasheet HTML 33Page - Semtech Corporation SX8663 Datasheet HTML 34Page - Semtech Corporation SX8663 Datasheet HTML 35Page - Semtech Corporation SX8663 Datasheet HTML 36Page - Semtech Corporation SX8663 Datasheet HTML 37Page - Semtech Corporation SX8663 Datasheet HTML 38Page - Semtech Corporation SX8663 Datasheet HTML 39Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
35
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
VANA, VDIG
The SX8663 has on-chip regulators for internal use (pins VANA and VDIG).
VANA and VDIG have protection to VDD and to GND.
The output of the regulators needs to be de-coupled with a small 100nF capacitor to ground.
Figure 43 shows a simplified diagram of the VANA and VDIG pin.
Figure 43
Simplified diagram of VANA and VDIG
4.5
General purpose IO pins
The SX8663 has 8 General purpose input/output (GPIO) pins.
All the GPIO pins have protection to VDD and GND.
Figure 44 shows a simplified diagram of the GPIO pins.
Figure 44
Simplified diagram of GPIO pins
VDD
SX8663
GND
VDIG
VDD
GND
VANA
VANA
VDIG
Cvdig
Cvana



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com