Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 40 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 40 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 36Page - Semtech Corporation SX8663 Datasheet HTML 37Page - Semtech Corporation SX8663 Datasheet HTML 38Page - Semtech Corporation SX8663 Datasheet HTML 39Page - Semtech Corporation SX8663 Datasheet HTML 40Page - Semtech Corporation SX8663 Datasheet HTML 41Page - Semtech Corporation SX8663 Datasheet HTML 42Page - Semtech Corporation SX8663 Datasheet HTML 43Page - Semtech Corporation SX8663 Datasheet HTML 44Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
40
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
5.3
Capacitive Sensors Parameters
Capacitive Sensors Parameters
Address
Name
Bits Description
7:5
Reserved (000)
4:3 CapSenseProtect:
00: OFF (default)
01: ON. GPIOs activity is disabled during CAP11 sensing.
10: ON. GPIOs activity is disabled during CAP10-11 sensing.
11: ON. GPIOs activity is disabled during CAP0-11 sensing (i.e. all CAPx).
0x09
CapModeMisc
2:0
IndividualSensitivity Defines common sensitivity for all sensors or individual sensor
sensitivity.
000: Common sensitivity settings (CapSensitivity0_1[7:4]) (default)
100: Individual sensitivity settings (CapSensitivityx_x)
Else : Reserved
0x0A
Reserved
7:0
Reserved (0x55)
0x0B
Reserved
7:0
Reserved (0x55)
0x0C
Reserved
7:0
Reserved (0x55)
7:4
CAP0 Sensitivity - Common Sensitivity
0x0D
CapSensitivity0_1
3:0
CAP1 Sensitivity
7:4
CAP2 Sensitivity
0x0E
CapSensitivity2_3
3:0
CAP3 Sensitivity
7:4
CAP4 Sensitivity
0x0F
CapSensitivity4_5
3:0
CAP5 Sensitivity
7:4
CAP6 Sensitivity
0x10
CapSensitivity6_7
3:0
CAP7 Sensitivity
7:4
CAP8 Sensitivity
0x11
CapSensitivity8_9
3:0
CAP9 Sensitivity
7:4
CAP10 Sensitivity
0x12
CapSensitivity10_1
1
3:0
CAP11 Sensitivity
Defines the sensitivity.
0x0: Minimum
0x1: 1
…
0x4: 4 (default)
…
0x7: Maximum
0x8..0xF: Reserved
0x13
CapThresh0
7:0
CAP0 Touch Threshold
0x14
CapThresh1
7:0
CAP1 Touch Threshold
0x15
CapThresh2
7:0
CAP2 Touch Threshold
0x16
CapThresh3
7:0
CAP3 Touch Threshold
0x17
CapThresh4
7:0
CAP4 Touch Threshold
0x18
CapThresh5
7:0
CAP5 Touch Threshold
0x19
CapThresh6
7:0
CAP6 Touch Threshold
0x1A
CapThresh7
7:0
CAP7 Touch Threshold
0x1B
CapThresh8
7:0
CAP8 Touch Threshold
0x1C
CapThresh9
7:0
CAP9 Touch Threshold
0x1D
CapThresh10
7:0
CAP10 Touch Threshold
0x1E
CapThresh11
7:0
CAP11 Touch Threshold
Defines the Touch Threshold ticks.
0x00: 0,
0x01: 4,
…
0xA0: 640 (default),
…
0xFF: 1020
0x1F
CapPerComp
7:4
Reserved (0000)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com