Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 24 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 24 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 20Page - Semtech Corporation SX8663 Datasheet HTML 21Page - Semtech Corporation SX8663 Datasheet HTML 22Page - Semtech Corporation SX8663 Datasheet HTML 23Page - Semtech Corporation SX8663 Datasheet HTML 24Page - Semtech Corporation SX8663 Datasheet HTML 25Page - Semtech Corporation SX8663 Datasheet HTML 26Page - Semtech Corporation SX8663 Datasheet HTML 27Page - Semtech Corporation SX8663 Datasheet HTML 28Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
24
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
3.15 General Purpose Input and Outputs
The SX8663 offers eight General Purpose Input and Outputs (GPIO) pins which can be configured in any of these
modes:
- GPO (General Purpose Output) with Autoligth ON/OFF
- SPO (Special Purpose Output). GPIO7 only; in this mode the GPIO can be connected to an external buzzer.
The input state of the GPIO is only used during the initial phase of the power up period.
Each of these GPIO modes is described in more details in the following sections.
The polarity of the GPO pins is defined as in figure below, driving an LED as example. It has to be set accordingly
in SPM parameter GpioPolarity.
Figure 22
polarity = 1/Normal (a), polarity = 0/Inverted (b)
The PWM blocks used GPO modes are 8-bits based and clocked at 2MHz typ. hence offering 256 selectable
pulse width values with a granularity of 0.5us typ.
Figure 23
PWM definition, (a) small pulse width, (b) large pulse width
3.15.1 GPO
GPIOs configured as GPO will operate as digital outputs which can generate both standard low/high logic levels
and PWM low/high duty cycles levels. Typical application is LED ON/OFF control.
Transitions between ON and OFF states can be triggered either automatically (Autolight ON) or manually by the
host (Autolight OFF). This is illustrated in figures below.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com