Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 53 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 53 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 49Page - Semtech Corporation SX8663 Datasheet HTML 50Page - Semtech Corporation SX8663 Datasheet HTML 51Page - Semtech Corporation SX8663 Datasheet HTML 52Page - Semtech Corporation SX8663 Datasheet HTML 53Page - Semtech Corporation SX8663 Datasheet HTML 54Page - Semtech Corporation SX8663 Datasheet HTML 55Page - Semtech Corporation SX8663 Datasheet HTML 56Page - Semtech Corporation SX8663 Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
53
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
6.3
I2C Registers Overview
Address
Name
R/W
Description
0x00
IrqSrc
read
Interrupt Source
0x01
CapStatKeys
read
Cap Status
0x02
Reserved
0x03
Reserved
0x04
Reserved
0x05
Reserved
0x06
Reserved
0x07
Reserved
0x08
SpmStat
read
SPM Status
0x09
CompOpMode
read/write
Compensation and
Operating Mode
0x0A
GpoCtrl
0x0B
Reserved
0x0C
Reserved
0x0D
SpmCfg
read/write
SPM Configuration
0x0E
SpmBaseAddr
read/write
SPM Base Address
0x0F
Reserved
0xAC
SpmKeyMsb
read/write
SPM Key MSB
0xAD
SpmKeyLsb
read/write
SPM Key LSB
0xB1
SoftReset
read/write
Software Reset
Table 16
I2C Registers Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com