Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 21 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 21 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 17Page - Semtech Corporation SX8663 Datasheet HTML 18Page - Semtech Corporation SX8663 Datasheet HTML 19Page - Semtech Corporation SX8663 Datasheet HTML 20Page - Semtech Corporation SX8663 Datasheet HTML 21Page - Semtech Corporation SX8663 Datasheet HTML 22Page - Semtech Corporation SX8663 Datasheet HTML 23Page - Semtech Corporation SX8663 Datasheet HTML 24Page - Semtech Corporation SX8663 Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
21
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
3.13 Interrupt
3.13.1 Power up
During power up the INTB is kept low. Once the power up sequence is terminated the INTB is cleared
autonomously. The SX8663 is then ready for operation.
Figure 17
Power Up vs. INTB
During the power on period the SX8663 stabilizes the internal regulators, RC clocks and the firmware initializes all
registers.
During the power up the SX8663 is not accessible and I2C communications are forbidden. The GPIOs set as
inputs with a pull up resistor.
As soon as the INTB rises the SX8663 will be ready for I2C communication. The GPIOs are then configured
according the parameters in the SPM.
The value of INTB before power up depends on the INTB pull up resistor supply voltage.
3.13.2 Assertion
INTB is updated in Active or Doze mode once every scan period.
The INTB will be asserted at the following events:
• if a Button event occurred (touch or release if enabled). I2C register CapStatKeys show the detailed status of
the Buttons,
• when actually entering Active or Doze mode via a host request (may be delayed by 1 scan period). I2C
register CompOpmode shows the current operation mode,
• once compensation procedure is completed either through automatic trigger or via host request (may be
delayed by 1 scan period),
• once SPM write is effective (may be delayed by 1 scan period),
• once NVM burn procedure is completed (may be delayed by 1 scan period),
• during reset (power up, hardware RESETB, software reset).
3.13.3 Clearing
The clearing of the INTB is done as soon as the host performs a read to any of the SX8663 I2C registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com