Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 39 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 39 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 35Page - Semtech Corporation SX8663 Datasheet HTML 36Page - Semtech Corporation SX8663 Datasheet HTML 37Page - Semtech Corporation SX8663 Datasheet HTML 38Page - Semtech Corporation SX8663 Datasheet HTML 39Page - Semtech Corporation SX8663 Datasheet HTML 40Page - Semtech Corporation SX8663 Datasheet HTML 41Page - Semtech Corporation SX8663 Datasheet HTML 42Page - Semtech Corporation SX8663 Datasheet HTML 43Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
39
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
5.2
General Parameters
General Parameters
Address
Name
Bits
Description
7
Reserved (0)
0x04
I2CAddress
6:0
Defines the I2C address.
The I2C address will be active after a reset.
Default: 0x2B
0x05
ActiveScanPeriod 7:0
Defines Active Mode Scan Period (Figure 6).
0x00: Reserved
0x01: 15ms
0x02: 30ms (default)
…
0xFF: 255 x 15ms
0x06
DozeScanPeriod
7:0
Defines Doze Mode Scan Period (Figure 6).
0x00: Reserved
0x01: 15ms
…
0x0D: 195ms (default)
…
0xFF: 255 x 15ms
0x07
PassiveTimer
7:0
Defines Passive Timer on Button Information (Figure 7).
0x00: OFF (default)
0x01: 1 second
…
0xFF: 255 seconds
0x08
Reserved
7:0
Reserved (0x00)
Table 11
General Parameters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com