Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 47 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 47 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 43Page - Semtech Corporation SX8663 Datasheet HTML 44Page - Semtech Corporation SX8663 Datasheet HTML 45Page - Semtech Corporation SX8663 Datasheet HTML 46Page - Semtech Corporation SX8663 Datasheet HTML 47Page - Semtech Corporation SX8663 Datasheet HTML 48Page - Semtech Corporation SX8663 Datasheet HTML 49Page - Semtech Corporation SX8663 Datasheet HTML 50Page - Semtech Corporation SX8663 Datasheet HTML 51Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
47
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
5.6
Buzzer Parameters
Buzzer
Parameters
Address
Name
Bits
Description
7:6
Defines the phase 1 duration.
0x00: ~ 5ms
0x01: ~ 10ms
0x02: ~ 15ms (default)
0x03: ~ 30ms
5:4
Defines the phase 2 duration.
0x00: ~ 5ms
0x01: ~ 10ms
0x02: ~ 15ms (default)
0x03: ~ 30ms
3
Defines the buzzer idle level (BuzzerLevelIdle).
0x0: min level (0V), (default)
0x1: max level (VDD)
0x37
BuzzerCfg
2:0
Defines the buzzer pwm prescaler value.
Default: 0x04
0x38
BuzzerFreqPhase1
7:0
Defines the frequency for the first phase of the buzzer.
freq
≈ 4MHz /(2^prescaler * BuzzerFreqPhase1)
Default: 0x40 (4KHz)
0x39
BuzzerFreqPhase2
7:0
Defines the frequency for the second phase of the buzzer.
freq
≈ 4MHz /(2^prescaler * BuzzerFreqPhase2)
Default: 0x20 (8KHz)
0x3A
Reserved
7:0
Reserved (0x00)
Table 14
Buzzer Parameters
The SX8663 has the ability to drive a buzzer (on GPIO7) to provide an audible indication that a button has been
touched. The buzzer is driven by a square signal for approximately 30ms (default). During the first phase (15ms)
the signal’s frequency is default 4KHz while in the second phase (15ms) the signal’s frequency default is 8KHz.
The buzzer is activated only once during any button touch and is not repeated for long touches. The user can
choose to enable or disable the buzzer by configuration and define the idle level, frequencies and phase
durations.
Figure 47
Buzzer behavior



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com