Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 7Page - Semtech Corporation SX8663 Datasheet HTML 8Page - Semtech Corporation SX8663 Datasheet HTML 9Page - Semtech Corporation SX8663 Datasheet HTML 10Page - Semtech Corporation SX8663 Datasheet HTML 11Page - Semtech Corporation SX8663 Datasheet HTML 12Page - Semtech Corporation SX8663 Datasheet HTML 13Page - Semtech Corporation SX8663 Datasheet HTML 14Page - Semtech Corporation SX8663 Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
11
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Figure 6
Scan Period
The scan period determines the minimum reaction time of the SX8663. The scan period can be configured by the
host from 15ms to values larger than a second.
The reaction time is defined as the interval between a touch on the sensor and the moment that the SX8663
generates the interrupt on the INTB pin. The shorter the scan period the faster the reaction time will be.
Very low power consumptions can be obtained by setting very long scan periods with the expense of having
longer reaction times.
All external events like GPIO, I2C and the interrupt are updated in the processing period, so once every scan
period.
3.3
Operation modes
The SX8663 has 3 operation modes. The main difference is found in the reaction time (corresponding to the scan
period) and power consumption.
Active mode offers fast scan periods. The typical reaction time is 30ms. All enabled sensors are scanned and
information data is processed within this interval.
Doze mode increases the scan period time which increases the reaction time to 195ms typical and at the same
time reduces the operating current.
Sleep mode turns the SX8663 OFF, except for the I2C peripheral, minimizing operating current while maintaining
the power supplies. In Sleep mode the SX8663 does not do any sensor scanning. The Sleep mode will be exited
by any I2C access.
The user can specify other scan periods for the Active and Doze mode and decide for other compromises
between reaction time and power consumption.
In most applications the reaction time needs to be fast when fingers are present, but can be slow when no person
uses the application. In case the SX8663 is not used for a specific time it will go from Active mode into Doze
mode and power will be saved. This time-out is determined by the Passive Timer which can be configured by the
user or turned OFF if not required.
To leave Doze mode and enter Active mode this can be done by a simple touch on any button.
The host can decide to force the operating mode by issuing commands over the I2C (using register
CompOpMode) and take fully control of the SX8663. The diagram in Figure 7 shows the available operation
modes and the possible transitions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com