Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 26 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 26 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 22Page - Semtech Corporation SX8663 Datasheet HTML 23Page - Semtech Corporation SX8663 Datasheet HTML 24Page - Semtech Corporation SX8663 Datasheet HTML 25Page - Semtech Corporation SX8663 Datasheet HTML 26Page - Semtech Corporation SX8663 Datasheet HTML 27Page - Semtech Corporation SX8663 Datasheet HTML 28Page - Semtech Corporation SX8663 Datasheet HTML 29Page - Semtech Corporation SX8663 Datasheet HTML 30Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
26
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Figure 28
GPO OFF transition (LED fade out), normal polarity, (a) linear, (b) logarithmic
Figure 29
GPO OFF transition (LED fade out), inverted polarity, (a) linear, (b) logarithmic
Please note that standard high/low logic signals are just a specific case of GPO mode and can also be generated
simply by setting inc/dec time to 0 (i.e. OFF) and programming intensity OFF/ON to 0x00 and 0xFF.
3.15.2 Fading Modes
The SX8663 supports two different fading modes, namely Single and Continuous. These fading modes can be
configured for each GPIO individually. Please see 5.7 “GPIO Parameters” for more information on how to
configure this feature.
i) Single Fading Mode:
The GPO pin fades in when the associated button is touched and it fades out when it is released. This is shown in
Figure 30
fading-in
OFF intensity
ON intensity
delay_off
fading-out
OFF intensity
ON
OFF
OFF
Figure 30
Single Fading Mode
ii) Continuous Fading Mode:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com