Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 32 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 32 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 28Page - Semtech Corporation SX8663 Datasheet HTML 29Page - Semtech Corporation SX8663 Datasheet HTML 30Page - Semtech Corporation SX8663 Datasheet HTML 31Page - Semtech Corporation SX8663 Datasheet HTML 32Page - Semtech Corporation SX8663 Datasheet HTML 33Page - Semtech Corporation SX8663 Datasheet HTML 34Page - Semtech Corporation SX8663 Datasheet HTML 35Page - Semtech Corporation SX8663 Datasheet HTML 36Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
32
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
SCL
The SCL pin is a high impedance input pin. The SCL pin is protected to VDD, using dedicated devices, in order to
conform to standard I2C slave specifications. The SCL pin has diode protected to GROUND.
An external pull-up resistor (1..10 kOhm) is required on this pin.
Figure 37 shows the simplified diagram of the SCL pin.
Figure 37
Simplified diagram of SCL
SDA
SDA is an IO pin that can be used as an open drain output pin with external pull-up resistor or as a high
impedance input pin. The SDA IO pin is protected to VDD, using dedicated devices, in order to conform to
standard I2C slave specifications. The SDA pin has diode protected to GROUND.
An external pull-up resistor (1..10 kOhm) is required on this pin.
Figure 38 shows the simplified diagram of the SDA pin.
Figure 38
Simplified diagram of SDA
VDD
R_SCL
SCL
SX8663
from host
SCL_IN
VDD
R_SDA
SDA
SX8663
SDA_OUT
from/to host
SDA_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com