Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 12 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 12 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 8Page - Semtech Corporation SX8663 Datasheet HTML 9Page - Semtech Corporation SX8663 Datasheet HTML 10Page - Semtech Corporation SX8663 Datasheet HTML 11Page - Semtech Corporation SX8663 Datasheet HTML 12Page - Semtech Corporation SX8663 Datasheet HTML 13Page - Semtech Corporation SX8663 Datasheet HTML 14Page - Semtech Corporation SX8663 Datasheet HTML 15Page - Semtech Corporation SX8663 Datasheet HTML 16Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
12
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Figure 7
Operation modes
3.4
Sensors on the PCB
3.4.1
Matrix Keys/Buttons (MK)
In opposition to most of the other Semtech capacitive sensing products where 1 button = 1 sensor
(CAP0…CAP11)., the SX8663 requires sensors to be routed in matrix and each button is formed by the
intersection/concatenation of two sensors areas. The buttons are covered by isolating overlay material (typically
1mm...3mm). The area of a button is typically one square centimetre which corresponds about to the area of a
finger touching the overlay material.
Figure 8
Matrix Buttons Layout/Connections (Red = Top; Brown = Inner1; Blue = Inner2)
IMPORTANT: Please note that while the matrix structure allows increasing dramatically the potential maximum
number of buttons (up to 36 with only 12 sensors) it also limits the operation to max one matrix button reported at
a time (ie single button touch operation). When several matrix buttons are touched only the first one is reported.
3.4.2
Priority Key/Button (PK)
When the priority key is enabled in BtnCfg[6], CAP11 (or CAP10 if PS=ON) can be routed outside the matrix to a
separate standard button sensor. Matrix size is then reduced to 6x5 keys (or 5x5 if PS is ON). Priority key
operation/reporting is independent from the matrix and can be used for any “high priority” key (Power, Reset, etc)
or “multi-touch” function (Shift, Alt, etc).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com