Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 44 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 44 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 40Page - Semtech Corporation SX8663 Datasheet HTML 41Page - Semtech Corporation SX8663 Datasheet HTML 42Page - Semtech Corporation SX8663 Datasheet HTML 43Page - Semtech Corporation SX8663 Datasheet HTML 44Page - Semtech Corporation SX8663 Datasheet HTML 45Page - Semtech Corporation SX8663 Datasheet HTML 46Page - Semtech Corporation SX8663 Datasheet HTML 47Page - Semtech Corporation SX8663 Datasheet HTML 48Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
44
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
BtnAvgPosThresh. This mechanism avoids that a valid touch will be averaged and finally the tick difference
becomes zero.
In case three or more sensors reach the BtnAvgPosThresh value simultaneously then the SX8663 will start an
offset compensation procedure.
Small environmental and system noise cause the ticks to vary slowly around the zero idle mode value.
In case the ticks get slightly negative this is considered as normal operation. However large negative values will
trigger an offset compensation phase and a new set of DCVs will be obtained.
The decision to trigger a compensation phase based on negative ticks is determined by the value in the register
BtnCompNegThresh and by the number of ticks below the negative thresholds defined in register
BtnCompNegCntMax. An example is shown in Figure 46.
Figure 46
Negative Ticks Offset Compensation Trigger
BtnCompNegThresh
Small negative ticks are considered as normal operation and will occur very often.
Larger negative ticks however need to be avoided and a convenient method is to trigger an offset
compensation phase. The new set of DCV will assure the idle ticks will be close to zero again.
A trade-off has to be found for the value of this register. A negative threshold too close to zero will trigger a
compensation phase very often. A very negative threshold will never trigger.
BtnCompNegCntMax
As soon as the ticks get smaller than the Negative Threshold the Negative Counter starts to count.
If the counter goes beyond the Negative Counter Max then the offset compensation phase is triggered.
The recommended value for this register is ‘1’ which means that the offset compensation starts on the first tick
below the negative threshold.
BtnHysteresis
The hysteresis percentage is identical for all buttons.
A touch is detected if the ticks are getting larger as the value defined by:
CapThreshold + CapThreshold * hysteresis.
A release is detected if the ticks are getting smaller as the value defined by:
CapThreshold - CapThreshold * hysteresis.
BtnStuckAtTimeout
The stuckat timer can avoid sticky buttons.
If the stuckat timer is set to one second then the touch of a finger will last only for one second and then a
compensation will be performed and button hence considered released, even if the finger remains on the
button for a longer time. After the actual finger release the button can be touched again and will be reported as
usual. In case the stuckat timer is not required it can be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com