Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 55 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 55 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 51Page - Semtech Corporation SX8663 Datasheet HTML 52Page - Semtech Corporation SX8663 Datasheet HTML 53Page - Semtech Corporation SX8663 Datasheet HTML 54Page - Semtech Corporation SX8663 Datasheet HTML 55Page - Semtech Corporation SX8663 Datasheet HTML 56Page - Semtech Corporation SX8663 Datasheet HTML 57Page - Semtech Corporation SX8663 Datasheet HTML 58Page - Semtech Corporation SX8663 Datasheet HTML 59Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
55
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Address
Name
Bits
Description
7
Proximity Status
0 : Far
1 : Close
6
Priority Key Status
0 : not touched
1 : touched
0x01
CapStatKeys
5:0
Matrix Keys Status
0x00: no touch on matrix
0x01: key1 (MK1) is touched
0x02: key2 (MK2) is touched
…
0x24: key36 (MK36) is touched
If several matrix buttons are touched only the first one is reported.
Cf figure below for MK mapping/numbering vs CAPx pins
Table 18
I2C Cap status
Figure 50
Matrix Keys Mapping
Address
Name
Bits
Description
7:4
reserved
0x08
SpmStat
3
NvmValid
Indicates if the current NVM is valid.
0: No – QSM is used
1: Yes – NVM is used



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com