Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 1 Page - Semtech Corporation

  SX8663 Datasheet HTML 1Page - Semtech Corporation SX8663 Datasheet HTML 2Page - Semtech Corporation SX8663 Datasheet HTML 3Page - Semtech Corporation SX8663 Datasheet HTML 4Page - Semtech Corporation SX8663 Datasheet HTML 5Page - Semtech Corporation SX8663 Datasheet HTML 6Page - Semtech Corporation SX8663 Datasheet HTML 7Page - Semtech Corporation SX8663 Datasheet HTML 8Page - Semtech Corporation SX8663 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
1
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
GENERAL DESCRIPTION
The SX8663 is an ultra low power, fully integrated
12-channel
solution
for
capacitive
touch-button
matrix (up to 36 keys) and proximity applications.
Unlike many capacitive touch solutions, the SX8663
features dedicated capacitive sense inputs (that
requires no external components) in addition to 8
general purpose I/O ports (GPIO) which can be used
to drive up to 30 matrix LEDs (i.e. one per key). Each
of the on-chip GPIO/LED driver is equipped with
independent PWM source for enhanced visual effect
such as dimming, and breathing.
The SX8663 includes a capacitive 10 bit ADC analog
interface with automatic compensation up to 100pF.
The high resolution capacitive sensing supports a
wide variety of touch pad sizes and shapes and
allows capacitive buttons to be created using thick
overlay materials (up to 5mm) for an extremely
robust and ESD immune system design.
The SX8663 incorporates a versatile firmware that
was specially designed to simplify capacitive touch
solution design and offers reduced time-to-market.
Integrated
multi-time
programmable
memory
provides the ultimate flexibility to modify key firmware
parameters (gain, threshold, scan period, auto offset
compensation) in the field without the need for new
firmware development.
The SX8663 supports the 400 kHz I²C serial bus
data protocol and includes a field programmable
slave address. The tiny 5mm x 5mm footprint makes
it an ideal solution for portable, battery powered
applications where power and density are at a
premium.
TYPICAL APPLICATION CIRCUIT
SX8663
cap2
cap3
cap4
cap5
cap6
cap8
cap7
cap9
gnd
gpio5
gpio4
gpio3
gpio2
gpio1
gpio0
cap1
cap0
gpio6
cap10
analog sensor
interface
micro processor
RAM
ROM
NVM
I2C
GPIO controller
power management
clock
generation
RC
PWM LED
controller
bottom plate
HOST
30 Capacitive Matrix Buttons +Proximity
cap4
cap9
cap7
cap6
cap5
buzzer
KEY PRODUCT FEATURES
Complete Capacitive Touch-Button Solution
o
Up to 36 Matrix Buttons
o
Up to 36 LEDs Control for individual Visual Feedback
with Auto Lightening
o
Configurable Single or Continuous Fading Mode
o
256 steps PWM Linear and Logarithmic control
Proximity Sensing up to several centimeters
High Resolution Capacitive Sensing
o
Up to 100pF of Offset Cap. Compensation at Full
Sensitivity
o
Capable of Sensing up thru 5mm thick Overlay Materials
Support of buzzer for audible feedback
User-selectable Button Reporting Configuration
Extremely Low Power
o
8uA (typ) in Sleep Mode
o
100uA (typ) in Doze Mode (195ms)
o
460uA (typ) in Active Mode (30ms)
Programmable Scanning Period from 15ms to several seconds
Auto Offset Compensation
o
Eliminates false triggers due to environmental factors
(temperature, humidity)
o
Initiated on power-up and configurable intervals
Multi-Time In-Field Programmable Firmware Parameters
for Ultimate Flexibility
o
On-chip user programmable memory for fast, self
contained start-up
No External Components per Sensor Input
Internal Clock Requires No External Components
Differential Sensor Sampling for Reduced EMI
Optional 400 KHz I²C Interface with Programmable Address
-40°C to +85°C Operation
APPLICATIONS
Home Automation
White Goods
Printers
Notebook/Netbook/Portable/Handheld computers
Consumer Products, Instrumentation, Automotive
Mechanical Button Replacement
ORDERING INFORMATION
Part Number
Temperature
Range
Package
SX8663I08AWLTRT
1 -40°C to +85°C Lead Free MLPQ-W32
1 3000 Units/reel
* This device is RoHS/WEEE compliant and Halogen Free


Similar Part No. - SX8663

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8660 SEMTECH-SX8660 Datasheet
755Kb / 75P
Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
SX8660I06AULTRT SEMTECH-SX8660I06AULTRT Datasheet
755Kb / 75P
Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
SX8661I07AULTRT SEMTECH-SX8661I07AULTRT Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
SX8661I07ZULTRT SEMTECH-SX8661I07ZULTRT Datasheet
1Mb / 87P
Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
More results

Similar Description - SX8663

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8644 SEMTECH-SX8644 Datasheet
690Kb / 76P
Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8645 SEMTECH-SX8645 Datasheet
720Kb / 76P
Ultra Low Power, Capacitive Button and Wheel Touch Controller (12 sensors) with Enhanced LED Drivers
SX8648 SEMTECH-SX8648 Datasheet
672Kb / 76P
Ultra Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers
SX8649 SEMTECH-SX8649 Datasheet
716Kb / 77P
Ultra Low Power, Capacitive Button and Wheel Touch Controller (8 sensors) with Enhanced LED Drivers
SX8660 SEMTECH-SX8660 Datasheet
755Kb / 75P
Ultra Low Power, Capacitive Button Touch Controller (8 sensors) with Enhanced LED Drivers and Analog Output
SX8661 SEMTECH-SX8661 Datasheet
1Mb / 88P
Low Power, Capacitive Button Touch and Proximity Controller
SX8644 SEMTECH-SX8644_11 Datasheet
748Kb / 78P
Ultra Low Power, Capacitive Button and Slider Touch Controller (12 sensors) with Enhanced LED Drivers
SX8662 SEMTECH-SX8662 Datasheet
1Mb / 60P
Capacitive Button Matrix (up to 36) Controller with Individual LED Drivers and Buzzer Output
SX8661Z SEMTECH-SX8661Z Datasheet
1Mb / 87P
Low Power, Capacitive Button Touch and Proximity Controller with LED Drivers and Analog Output
SX8638 SEMTECH-SX8638 Datasheet
1Mb / 81P
Low Power, Capacitive Button and Slider Touch Controller (8 sensors) with Enhanced LED Drivers and Proximity
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com