Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 48 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 48 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 44Page - Semtech Corporation SX8663 Datasheet HTML 45Page - Semtech Corporation SX8663 Datasheet HTML 46Page - Semtech Corporation SX8663 Datasheet HTML 47Page - Semtech Corporation SX8663 Datasheet HTML 48Page - Semtech Corporation SX8663 Datasheet HTML 49Page - Semtech Corporation SX8663 Datasheet HTML 50Page - Semtech Corporation SX8663 Datasheet HTML 51Page - Semtech Corporation SX8663 Datasheet HTML 52Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
48
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
5.7
GPIO Parameters
GPIO Parameters
Address
Name
Bits Description
7:6
GPIO[7] Mode
Default GPO
5:4
GPIO[6] Mode
Default GPO
3:2
GPIO[5] Mode
Default GPO
0x43
GpioMode7_4
1:0
GPIO[4] Mode
Default GPO
7:6
GPIO[3] Mode
Default GPO
5:4
GPIO[2] Mode
Default GPO
3:2
GPIO[1] Mode
Default GPO
0x44
GpioMode3_0
1:0
GPIO[0] Mode
Defines the GPIO mode.
00: GPO
01: Reserved
10: Reserved
11: SPO: Buzzer for GPIO[7],
Reserved for GPIO[6..0]
Default GPO
0x45
GpioIntensityOn0
7:0
0x46
GpioIntensityOn1
7:0
0x47
GpioIntensityOn2
7:0
0x48
GpioIntensityOn3
7:0
0x49
GpioIntensityOn4
7:0
0x4A
GpioIntensityOn5
7:0
0x4B
GpioIntensityOn6
7:0
0x4C
GpioIntensityOn7
7:0
Defines the ON intensity index.
0x00: 0
0x01: 1
…
0xFF: 255 (default)
0x4D
GpioIntensityOff0
7:0
0x4E
GpioIntensityOff1
7:0
0x4F
GpioIntensityOff2
7:0
0x50
GpioIntensityOff3
7:0
0x51
GpioIntensityOff4
7:0
0x52
GpioIntensityOff5
7:0
0x53
GpioIntensityOff6
7:0
0x54
GpioIntensityOff7
7:0
Defines the OFF intensity index.
0x00: 0 (default)
0x01: 1
…
0xFF: 255
0x56
GpioOutPwrUp
7:0
Defines the values of GPO pins after power up i.e. default values of I2C
parameters GpoCtrl.
Bits corresponding to GPO pins with Autolight ON should be left to 0.
Before being actually initialized GPIOs are shortly set as inputs with pull up.
0: OFF(default)
1: ON
0x57
GpioAutoLight
7:0
Enables Autolight in GPO mode.
0: OFF
1: ON (default). GPIO0-5 = MK(TSM); GPIO6 = MK(TSM) or PK if enabled;
GPIO7 = PS if enabled and ProxCfg[4:2]=000
0x58
GpioPolarity
7:0
Defines the polarity of the GPO pins.
SPO pins require Normal Polarity.
0: Inverted
1: Normal
Default : 0x7F
0x59
GpioFunction
7:0
Defines the intensity index vs PWM pulse width function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com