Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 46 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 46 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 42Page - Semtech Corporation SX8663 Datasheet HTML 43Page - Semtech Corporation SX8663 Datasheet HTML 44Page - Semtech Corporation SX8663 Datasheet HTML 45Page - Semtech Corporation SX8663 Datasheet HTML 46Page - Semtech Corporation SX8663 Datasheet HTML 47Page - Semtech Corporation SX8663 Datasheet HTML 48Page - Semtech Corporation SX8663 Datasheet HTML 49Page - Semtech Corporation SX8663 Datasheet HTML 50Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
46
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Proximity
Parameters
Address
Name
Bits
Description
0x64: 100%
0x2F
Reserved
7:0
Reserved (0x00)
0x30
Reserved
7:0
Reserved (0x64)
0x31
Reserved
7:0
Reserved (0x34)
0x32
ProxAvgThresh
7:0
Defines the positive threshold for disabling the processing filter averaging.
If ticks are above the threshold, then the averaging is suspended.
0x00: 0
0x01: 4
…
0x50: 320 (default)
…
0xFF: 1020
0x33
ProxCompNegThresh
7:0
Defines the negative offset compensation threshold for proximity.
0x00: 0
0x01: 4
…
0xA0: 640 (default)
…
0xFF: 1020
0x34
ProxCompNegCntMax
7:0
Defines the number of ticks (below the negative offset compensation threshold)
which will initiate an offset compensation.
0x00: reserved
0x01: 1 sample (default)
…
0xFF: 255 samples
0x35
ProxStuckAtTimeout
7:0
Defines the stuck at timeout for proximity.
0x00: OFF (default)
0x01: 1 second
…
0xFF: 255 seconds
0x36
Reserved
7:0
Reserved (0x00)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com