Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 4Page - Semtech Corporation SX8663 Datasheet HTML 5Page - Semtech Corporation SX8663 Datasheet HTML 6Page - Semtech Corporation SX8663 Datasheet HTML 7Page - Semtech Corporation SX8663 Datasheet HTML 8Page - Semtech Corporation SX8663 Datasheet HTML 9Page - Semtech Corporation SX8663 Datasheet HTML 10Page - Semtech Corporation SX8663 Datasheet HTML 11Page - Semtech Corporation SX8663 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
8
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
2.4
Electrical Specifications
All values are valid within the operating conditions unless otherwise specified.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Current consumption
Active mode, average
IOP,active
30ms scan period,
12 sensors enabled,
minimum sensitivity
460
uA
Doze mode, average
IOP,Doze
195ms scan period,
12 sensors enabled,
minimum sensitivity
100
uA
Sleep
IOP,sleep
I2C listening, sensors
disabled
8
17
uA
ResetB, SCL, SDA
Input logic high
VIH
0.7*VDD
VDD + 0.3
V
Input logic low
VIL
VSS applied to GND pins
VSS - 0.3
0.8
V
Input leakage current
LI
CMOS input
±1
uA
Pull up resistor
RPU
when enabled
660
k
Ω
Pull down resistor
RPD
when enabled
660
k
Ω
GPIO set as Output, INTB, SDA
Output logic high
VOH
IOH<4mA
VDD-0.4
V
Output logic low
VOL
IOL,GPIO<12mA
IOL,SDA,INTB<4mA
0.4
V
Start-up
Power up time
tpor
time between rising edge
VDD and rising INTB
400
ms
RESETB
ResetB pulse width
tres
50
ns
Recommended External components
capacitor between VDIG, GND
Cvdig
type 0402, tolerance +/-50%
100
nF
capacitor between VANA, GND
Cvana
type 0402, tolerance +/-50%
100
nF
capacitor between CP, CN
Cint
type 0402, COG, tolerance +/-5%
1
nF
capacitor between VDD, GND
Cvdd
type 0402, tolerance +/-50%
100
nF
Table 5
Electrical Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com