Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 45 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 45 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 41Page - Semtech Corporation SX8663 Datasheet HTML 42Page - Semtech Corporation SX8663 Datasheet HTML 43Page - Semtech Corporation SX8663 Datasheet HTML 44Page - Semtech Corporation SX8663 Datasheet HTML 45Page - Semtech Corporation SX8663 Datasheet HTML 46Page - Semtech Corporation SX8663 Datasheet HTML 47Page - Semtech Corporation SX8663 Datasheet HTML 48Page - Semtech Corporation SX8663 Datasheet HTML 49Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
45
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
5.5
Proximity (PS) Parameters
Proximity
Parameters
Address
Name
Bits
Description
0x2B
Reserved
7:0
Reserved (0x00)
7
Proximity enable:
0: OFF (PK=CAP11 if enabled) (default)
1: ON (PS = CAP11; PK =CAP10 if enabled)
6:5
Prox events to be reported on NIRQ:
00 : None
01 : Close (same as touch for buttons)
10 : Far (same as release for buttons)
11 : Both (default)
4:2
Defines the MK LEDs intensity during proximity “close” :
000: OFF, proximity status reported on GPIO7 (if set as GPO + Autoligth ON)
001: 3%
010: 5%
011: 8%
100: 10%
101: 12%
110 : 14%
111: 16% (default)
1
Reserved
0x2C
ProxCfg
0
Defines the Prox LED (GPIO7) status when a button (MK or PK) is touched:
0: OFF
1: ON (default)
7:4
Defines the delay between proximity “far” and start of fading out of MK LEDs
(single fading)
0x0: instantaneous (default)
0x1: 200 ms
0x2: 400 ms
0x3: 600ms
…
0xA: 2s
0xB: 4s
0xC: 6s
0xD: 8s
0xE: 10s
0xF: 12s
3:2
Defines the number of samples at the scan period for determining proximity
“far” status.
00 : no debounce, use incoming sample (default)
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
0x2D
ProxDebounce
1:0
Defines the number of samples at the scan period for determining proximity
“close” status.
00 : no debounce, use incoming sample (default)
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
0x2E
ProxHysteresis
7:0
Defines the proximity hysteresis corresponding to a percentage of the CAP
thresholds (defined in Table 12).
0x00: 0%
0x01: 1%
…
0x0A: 10% (default)
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com