Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 36 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 36 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 32Page - Semtech Corporation SX8663 Datasheet HTML 33Page - Semtech Corporation SX8663 Datasheet HTML 34Page - Semtech Corporation SX8663 Datasheet HTML 35Page - Semtech Corporation SX8663 Datasheet HTML 36Page - Semtech Corporation SX8663 Datasheet HTML 37Page - Semtech Corporation SX8663 Datasheet HTML 38Page - Semtech Corporation SX8663 Datasheet HTML 39Page - Semtech Corporation SX8663 Datasheet HTML 40Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
36
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
5
DETAILED CONFIGURATION DESCRIPTIONS
5.1
Introduction
The SX8663 configuration parameters are taken from the QSM or the NVM and loaded into the SPM as explained
in the chapter ‘functional description’.
This chapter describes the details of the configuration parameters of the SX8663.
The SPM is split by functionality into 5 configuration sections:
• General: operating modes,
• Capacitive Sensors: related to lower level capacitive sensing,
• Buttons (MK and PK): related to the conversion from sensor data towards button information,
• Buzzer: defining parameters for the buzzer
• GPIOs: related to the setup of the GPIO pins.
The total address space of the SPM and the NVM is 128 bytes, from address 0x00 to address 0x7F.
Two types of memory addresses, data are accessible to the user.
• ‘application data’: Application dependent data that need to be configured by the user.
• ‘reserved’: Data that need to be maintained by the user to the QSM default values (i.e. when NVM is burned).
The Table 9 and Table 10 resume the complete SPM address space and show the ‘application data’ and
‘reserved’ addresses, the functional split and the default values (loaded from the QSM).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com