Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 57 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 57 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 53Page - Semtech Corporation SX8663 Datasheet HTML 54Page - Semtech Corporation SX8663 Datasheet HTML 55Page - Semtech Corporation SX8663 Datasheet HTML 56Page - Semtech Corporation SX8663 Datasheet HTML 57Page - Semtech Corporation SX8663 Datasheet HTML 58Page - Semtech Corporation SX8663 Datasheet HTML 59Page - Semtech Corporation SX8663 Datasheet HTML 60Page - Semtech Corporation SX8663 Datasheet HTML 61Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
57
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
6.6
SPM Gateway Registers
The SX8663 I2C interface offers two registers for exchanging the SPM data with the host.
• SpmCfg
• SpmBaseAddr
Address
Name
Bits
Description
7:6
00: Reserved
5:4
Defines the normal operation or SPM mode
00: I2C in normal operation mode (default)
01: I2C in SPM mode
10: Reserved
11: Reserved
3
Defines r/w direction of SPM
0: SPM write access (default)
1: SPM read access
0x0D
SpmCfg
2:0
000: Reserved
Table 23
SPM access configuration
Address
Name
Bits
Description
0x0E
SpmBaseAddr
7:0
SPM Base Address (modulo 8).
The lowest address is 0x00 (default)
The highest address is 0x78.
Table 24
SPM Base Address
The exchange of data, read and write, between the host and the SPM is always done in bursts of eight bytes.
The base address of each burst of eight bytes is a modulo 8 number, starting at 0x00 and ending at 0x78.
The registers SpmKeyMsb and SpmKeyLsb are required for NVM programming as described in section 6.7.
Address
Name
Bits
Description
0xAC
SpmKeyMsb
7:0
SPM to NVM burn Key MSB
Unlock requires writing data: 0x62
Table 25
SPM Key MSB at I2C register address 0xAC
Address
Name
Bits
Description
0xAD
SpmKeyLsb
7:0
SPM to NVM burn Key LSB
Unlock requires writing data: 0x9D
Table 26
SPM Key LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com