Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 30 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 30 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 26Page - Semtech Corporation SX8663 Datasheet HTML 27Page - Semtech Corporation SX8663 Datasheet HTML 28Page - Semtech Corporation SX8663 Datasheet HTML 29Page - Semtech Corporation SX8663 Datasheet HTML 30Page - Semtech Corporation SX8663 Datasheet HTML 31Page - Semtech Corporation SX8663 Datasheet HTML 32Page - Semtech Corporation SX8663 Datasheet HTML 33Page - Semtech Corporation SX8663 Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
30
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
4
PIN DESCRIPTIONS
4.1
Introduction
This chapter describes briefly the pins of the SX8663, the way the pins are protected, if the pins are analog,
digital, require pull up or pull down resistors and show control signals if these are available.
4.2
ASI pins
CAP0, CAP1,...,CAP11
The capacitance sensor pins (CAP0, CAP1,..., CAP11) are connected directly to the ASI circuitry which converts
the sensed capacitance into digital values.
The capacitance sensor pins which are not used should be left open.
The enabled CAP pins need be connected directly to the sensors without significant resistance (typical below
some ohms, connection vias are allowed).
The capacitance sensor pins are protected to VANA and GROUND.
Figure 34 shows the simplified diagram of the CAP0, CAP1,...CAP11 pins.
SX8663
sensor
ASI
CAPx
CAP_INx
VANA
Note : x = 0, 1,2,…7
Figure 34
Simplified diagram of CAP0, CAP1,...,CAP11
CN, CP
The CN and the CP pins are connected to the ASI circuitry. A 1nF sampling capacitor between CP and CN needs
to be placed as close as possible to the SX8663.
The CN and CP are protected to VANA and GROUND.
Figure 35 shows the simplified diagram of the CN and CP pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com