Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 10 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 6Page - Semtech Corporation SX8663 Datasheet HTML 7Page - Semtech Corporation SX8663 Datasheet HTML 8Page - Semtech Corporation SX8663 Datasheet HTML 9Page - Semtech Corporation SX8663 Datasheet HTML 10Page - Semtech Corporation SX8663 Datasheet HTML 11Page - Semtech Corporation SX8663 Datasheet HTML 12Page - Semtech Corporation SX8663 Datasheet HTML 13Page - Semtech Corporation SX8663 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
10
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
3
FUNCTIONAL DESCRIPTION
3.1
Introduction
3.1.1
General
The SX8663 is intended to be used in applications which require capacitive sensors covered by isolating overlay
material. A finger approaching the capacitive sensors will change the charge that can be loaded on the sensors.
The SX8663 measures the change of charge and converts that into digital values (ticks). The larger the charge on
the sensors, the larger the number of ticks will be. The charge to ticks conversion is done by the SX8663 Analog
Sensor Interface (ASI).
The ticks are further processed by the SX8663 and converted in a high level, easy to use information for the
user’s host.
The information between SX8663 and the host is passed through the I2C interface with an additional interrupt
signal indicating that the SX8663 has new information. For buttons this information is simply touched or released.
User feedback, done through the SX8663’s GPIOs, can be visual via LEDs and/or audio via a buzzer.
3.1.2
Parameters
The SX8663 has many low level built-in, fixed algorithms and procedures. To allow a lot of freedom for the user
and adapt the SX8663 for different applications these algorithms and procedures can be configured with a large
set of parameters which will be described in the following sections.
Sensitivity and detection thresholds of the sensors are part of these parameters. Assuming that overlay material
and sensors areas are identical then the sensitivities and thresholds will be the same for each sensor. In case
sensors are not of the same size then sensitivities or thresholds might be chosen individually per sensor.
So a smaller size sensor can have a larger sensitivity while a big size sensor may have the lower sensitivity.
3.1.3
Configuration
During a development phase the parameters can be determined and fine tuned by the users and downloaded
over the I2C in a dynamic way. The parameter set can be downloaded over the I2C by the host each time the
SX8663 boots up. This allows a flexible way of setting the parameters at the expense of I2C occupation.
In case the parameters are frozen they can be programmed in Multiple Time Programmable (MTP) Non Volatile
Memory (NVM) on the SX8663. The programming needs to be done once (over the I2C). The SX8663 will then
boot up from the NVM and additional parameters from the host are not required anymore.
In case the host desires to overwrite the boot-up NVM parameters (partly or even complete) this can be done by
additional I2C communications.
3.2
Scan Period
The basic operation Scan period of the SX8663 sensing interface can be split into three periods over time.
In the first period (Sensing) the SX8663 is sensing all enabled CAP inputs, from CAP0 towards CAP11.
In the second period (Processing) the SX8663 processes the sensor data, verifies and updates the GPIO and the
I2C.
In the third period (Timer) the SX8663 is set in a low power mode and waits until a new cycle starts.
Figure 6 shows the different SX8663 periods over time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com