Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 37 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 37 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 33Page - Semtech Corporation SX8663 Datasheet HTML 34Page - Semtech Corporation SX8663 Datasheet HTML 35Page - Semtech Corporation SX8663 Datasheet HTML 36Page - Semtech Corporation SX8663 Datasheet HTML 37Page - Semtech Corporation SX8663 Datasheet HTML 38Page - Semtech Corporation SX8663 Datasheet HTML 39Page - Semtech Corporation SX8663 Datasheet HTML 40Page - Semtech Corporation SX8663 Datasheet HTML 41Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
37
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
Address
Name
Default/QSM
value
Address
Name
Default/QSM
value
0x00
Reserved
0xxx
0x20
Reserved
0x00
0x01
Reserved
0xxx
0x21
Reserved
0x00
0x02
Reserved
0x43
0x22
BtnCfg
0x30
0x03
Reserved
0xxx
0x23
BtnAvgThresh
0x50
0x04
I2CAddress
0x2B
0x24
BtnCompNegThresh
0xA0
0x05
ActiveScanPeriod
0x02
0x25
BtnCompNegCntMax
0x01
0x06
DozeScanPeriod
0x0D
0x26
BtnHysteresis
0x0A
0x07
PassiveTimer
0x00
0x27
BtnStuckAtTimeout
0x00
0x08
Reserved
0x00
0x28
Reserved
0x80
0x09
CapModeMisc
0x00
0x29
Reserved
0x00
0x0A
Reserved
0x55
0x2A
Reserved
0xFF
0x0B
Reserved
0x55
0x2B
Reserved
0x00
0x0C
Reserved
0x55
0x2C
ProxCfg
0x7D
0x0D
CapSensitivity0_1
0x44
0x2D
ProxDebounce
0x00
0x0E
CapSensitivity2_3
0x44
0x2E
ProxHysteresis
0x0A
0x0F
CapSensitivity4_5
0x44
0x2F
Reserved
0x00
0x10
CapSensitivity6_7
0x44
0x30
Reserved
0x64
0x11
CapSensitivity8_9
0x44
0x31
Reserved
0x34
0x12
CapSensitivity10_11
0x44
0x32
ProxAvgThresh
0x50
0x13
CapThresh0
0xA0
0x33
ProxCompNegThresh
0xA0
0x14
CapThresh1
0xA0
0x34
ProxCompNegCntMax
0x01
0x15
CapThresh2
0xA0
0x35
ProxStuckAtTimeout
0x00
0x16
CapThresh3
0xA0
0x36
Reserved
0x00
0x17
CapThresh4
0xA0
0x37
BuzzerCfg
0xA4
0x18
CapThresh5
0xA0
0x38
BuzzerFreqPhase1
0x40
0x19
CapThresh6
0xA0
0x39
BuzzerFreqPhase2
0x20
0x1A
CapThresh7
0xA0
0x3A
Reserved
0x00
0x1B
CapThresh8
0xA0
0x3B
Reserved
0x00
0x1C
CapThresh9
0xA0
0x3C
Reserved
0x00
0x1D
CapThresh10
0xA0
0x3D
Reserved
0x00
0x1E
CapThresh11
0xA0
0x3E
Reserved
0x00
0x1F
CapPerComp
0x00
0x3F
Reserved
0x00
Table 9
SPM address map: 0x00…0x3F
Note
• ‘0xxx’:
write protected data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com