Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 15 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 15 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 11Page - Semtech Corporation SX8663 Datasheet HTML 12Page - Semtech Corporation SX8663 Datasheet HTML 13Page - Semtech Corporation SX8663 Datasheet HTML 14Page - Semtech Corporation SX8663 Datasheet HTML 15Page - Semtech Corporation SX8663 Datasheet HTML 16Page - Semtech Corporation SX8663 Datasheet HTML 17Page - Semtech Corporation SX8663 Datasheet HTML 18Page - Semtech Corporation SX8663 Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
15
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
3.5
Button Information (MK and PK)
The touch buttons have two simple states (see Figure 11): ON (touched by finger) and OFF (released and no
finger press).
Figure 11
Buttons
A finger touch is reported as soon as the ASI ticks of both sensors forming the button exceed their user-defined
threshold plus a hysteresis.
A finger release is reported as soon as the ASI ticks of at least one of the sensors forming the button goes below
its user-defined threshold minus a hysteresis.
The hysteresis around the threshold avoids rapid touch and release signalling during transients.
IMPORTANT: Please note that while the matrix structure allows increasing dramatically the potential maximum
number of buttons (up to 36 with only 12 sensors) it also limits the operation to max one matrix button reported at
a time (ie single button touch operation). When two matrix buttons are touched only the first one is reported.
Note that the principle of proximity sensing (PS) operation is exactly the same as for touch buttons except that
proximity sensing is done several centimeters above the overlay through the air. ON state means that finger/hand
is detected by the sensor and OFF state means the finger/hand is far from the sensor and not detected.
3.6
Analog Sensing Interface
The Analog Sensing Interface (ASI) converts the charge on the sensors into ticks which will be further digitally
processed. The basic principle of the ASI will be explained in this section.
The ASI consists of a multiplexer selecting the sensor, analog switches, a reference voltage, an ADC sigma delta
converter, an offset compensation DAC and an external integration capacitor (see Figure 12).
Figure 12
Analog Sensor Interface



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com