Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 42 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 42 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 38Page - Semtech Corporation SX8663 Datasheet HTML 39Page - Semtech Corporation SX8663 Datasheet HTML 40Page - Semtech Corporation SX8663 Datasheet HTML 41Page - Semtech Corporation SX8663 Datasheet HTML 42Page - Semtech Corporation SX8663 Datasheet HTML 43Page - Semtech Corporation SX8663 Datasheet HTML 44Page - Semtech Corporation SX8663 Datasheet HTML 45Page - Semtech Corporation SX8663 Datasheet HTML 46Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
42
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
5.4
Buttons (MK and PK) Parameters
Buttons Parameters
Address
Name
Bits Description
7
Reporting scheme:
0: report both MK and PK touches (multi MK touch is never allowed/reported)
(default)
1: report first/single MK or PK touch (ignore next touch until release of the first
one)
6
Priority key (PK):
0: OFF (default)
1: ON (CAP10 if proximity is enabled, else CAP11)
5:4
Button events to be reported on NIRQ.
00 : None
01 : Touch
10 : Release
11 : Both (default)
3:2
Defines the number of samples at the scan period for determining a release of a
button.
00 : no debounce, use incoming sample (default)
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
0x22
BtnCfg
1:0
Defines the number of samples at the scan period for determining a touch of a
button.
00 : no debounce, use incoming sample (default)
01 : 2 samples debounce
10 : 3 samples debounce
11 : 4 samples debounce
0x23
BtnAvgThresh
7:0
Defines the positive threshold for disabling the processing filter averaging.
If ticks are above the threshold, then the averaging is suspended.
0x00: 0
0x01: 4
…
0x50: 320 (default)
…
0xFF: 1020
0x24
BtnCompNegThresh
7:0
Defines the negative offset compensation threshold.
0x00: 0
0x01: 4
…
0xA0: 640 (default)
…
0xFF: 1020
0x25
BtnCompNegCntMax
7:0
Defines the number of ticks (below the negative offset compensation threshold)
which will initiate an offset compensation.
0x00: reserved
0x01: 1 sample (default)
…
0xFF: 255 samples
0x26
BtnHysteresis
7:0
Defines the button hysteresis corresponding to a percentage of the CAP
thresholds (defined in Table 12).
All buttons use the same hysteresis.
0x00: 0%
0x01: 1%
…
0x0A: 10% (default)
…



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com