Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 19 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 19 Page - Semtech Corporation

Back Button SX8663 Datasheet HTML 15Page - Semtech Corporation SX8663 Datasheet HTML 16Page - Semtech Corporation SX8663 Datasheet HTML 17Page - Semtech Corporation SX8663 Datasheet HTML 18Page - Semtech Corporation SX8663 Datasheet HTML 19Page - Semtech Corporation SX8663 Datasheet HTML 20Page - Semtech Corporation SX8663 Datasheet HTML 21Page - Semtech Corporation SX8663 Datasheet HTML 22Page - Semtech Corporation SX8663 Datasheet HTML 23Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
19
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
In case the application needs different settings than the QSM settings then the SX8663 can be setup and/or
programmed over the I2C interface.
The configuration parameters of the SX8663 can be stored in the Multiple Time Programmable (MTP) Non
Volatile Memory (NVM). The NVM contains all those parameters that are defined and stable for the application.
Examples are the number of sensors enabled, sensitivity, active and Doze scan period. The details of these
parameters are described in the next chapters.
At power up the SX8663 checks if the NVM contains valid data. In that case the configuration parameter source
becomes the NVM. If the NVM is empty or non-valid then the configuration source becomes the QSM. In the next
step the SX8663 copies the configuration parameter source into the Shadow Parameter Memory (SPM). The
SX8663 is operational and uses the configuration parameters of the SPM.
During power down or reset event the SPM loses all content. It will automatically be reloaded following power up
or at the end of the reset event.
The host will interface with the SX8663 through the I2C bus and the analog output interface.
The I2C of the SX8663 consists of 16 registers. Some of these I2C registers are used to read the status and
information of the buttons. Other I2C registers allow the host to take control of the SX8663. The host can e.g.
decide to change the operation mode from active mode to Doze mode or go into sleep (according Figure 7).
Two additional modes allow the host to have an access to the SPM or indirect access to the NVM.
These modes are required during development, can be used in real time or in-field programming.
Figure 15 shows the Host SPM mode. In this mode the host can decide to overwrite the SPM. This is useful
during the development phases of the application where the configuration parameters are not yet fully defined and
as well during the operation of the application if some parameters need small deviations from the QSM or NVM
content.
Figure 15
Host SPM mode
The content of the SPM remains valid as long as the SX8663 is powered. After a power down the host needs to
re-write the SPM at the next power-up.
Figure 16 shows the Host NVM mode. In this mode the host will be able to write the NVM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com