Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SX8663 Datasheet(PDF) 5 Page - Semtech Corporation

Part # SX8663
Description  Capacitive Button Matrix (up to 36) and Proximity Controller with Individual LED Drivers and Buzzer Output
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8663 Datasheet(HTML) 5 Page - Semtech Corporation

  SX8663 Datasheet HTML 1Page - Semtech Corporation SX8663 Datasheet HTML 2Page - Semtech Corporation SX8663 Datasheet HTML 3Page - Semtech Corporation SX8663 Datasheet HTML 4Page - Semtech Corporation SX8663 Datasheet HTML 5Page - Semtech Corporation SX8663 Datasheet HTML 6Page - Semtech Corporation SX8663 Datasheet HTML 7Page - Semtech Corporation SX8663 Datasheet HTML 8Page - Semtech Corporation SX8663 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 64 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev5 4
th August 2011
© 2011 Semtech Corp.
www.semtech.com
5
SX8663
Capacitive Button Matrix (up to 36) and Proximity Controller
with Individual LED Drivers and Buzzer Output
1.3
Pin Description
Number
Name
Type
Description
1
CAP2
Analog
Capacitive Sensor 2
2
CAP3
Analog
Capacitive Sensor 3
3
CAP4
Analog
Capacitive Sensor 4
4
CAP5
Analog
Capacitive Sensor 5
5
CAP6
Analog
Capacitive Sensor 6
6
CAP7
Analog
Capacitive Sensor 7
7
CAP8
Analog
Capacitive Sensor 8
8
CAP9
Analog
Capacitive Sensor 9
9
CAP10
Analog
Capacitive Sensor 10
10
CAP11
Analog
Capacitive Sensor 11
11
CN
Analog
Integration Capacitor, negative terminal (1nF between CN and CP)
12
CP
Analog
Integration Capacitor, positive terminal (1nF between CN and CP)
13
VDD
Power
Main input power supply
14
INTB
Digital Output
Interrupt, active LOW, requires pull up resistor (on host or external)
15
SCL
Digital Input
I2C Clock, requires pull up resistor (on host or external)
16
SDA
Digital Input/Output
I2C Data, requires pull up resistor (on host or external)
17
GPIO0
Digital Input/Output
General Purpose Input/Output 0
18
GPIO1
Digital Input/Output
General Purpose Input/Output 1
19
GND
Ground
Ground
20
GPIO2
Digital Input/Output
General Purpose Input/Output 2
21
GPIO3
Digital Input/Output
General Purpose Input/Output 3
22
GPIO4
Digital Input/Output
General Purpose Input/Output 4
23
GPIO5
Digital Input/Output
General Purpose Input/Output 5
24
GND
Ground
Ground
25
GPIO6
Digital Input/Output
General Purpose Input/Output 6
26
GPIO7
Digital Input/Output
General Purpose Input/Output 7
27
VDIG
Analog
Digital Core Decoupling, connect to a 100nF decoupling capacitor
28
GND
Ground
Ground
29
RESETB
Digital Input
Active Low Reset. Connect to VDD if not used.
30
VANA
Analog
Analog Core Decoupling, connect to a 100nF decoupling capacitor
31
CAP0
Analog
Capacitive Sensor 0
32
CAP1
Analog
Capacitive Sensor 1
Bottom Plate GND
Ground
Exposed pad connect to ground
Table 1
Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com