Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 39 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 39 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 35Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 36Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 37Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 38Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 39Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 40Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 41Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 42Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
CC2420
SWRS041B
Page 39 of 89
MPDU
Length byte
n
MPDU
1
MPDU
2
MPDU
n-2
RSSI
(signed)
CRC / Corr
7
6
5
4
3
2
1
0
Bit number
CRC
OK
Correlation value (unsigned)
Data in RXFIFO
Figure 21. Data in RXFIFO when MDMCTRL0.AUTOCRC is set
17 RF Data Buffering
CC2420 can be configured for different
transmit and receive modes, as set in the
MDMCTRL1.TX_MODE
and
MDMCTRL1.RX_MODE
control
bits.
Buffered mode (mode 0) will be used for
normal operation of
CC2420, while other
modes are available for test purposes.
17.1
Buffered transmit mode
In buffered transmit mode (TX_MODE 0),
the 128 byte TXFIFO, located in
CC2420
RAM, is used to buffer data before
transmission.
A
preamble
sequence
(defined in the Frame Format section
below) is automatically inserted before the
length field during transmission. The
length field must always be the first byte
written to the transmit buffer for all frames.
Writing one or multiple bytes to the
TXFIFO is described in the FIFO access
section on page 31. Reading data from the
TXFIFO is possible with RAM access, but
this does not remove the byte from the
FIFO.
Transmission is enabled by issuing a
STXON
or STXONCCA command strobe.
See the Radio control state machine
section on page 43 for an illustration of
how the transmit command strobes affect
the state of
CC2420. The STXONCCA strobe
is ignored if the channel is busy. See the
Clear Channel Assessment section on
page 50 for details on CCA.
The preamble sequence is started 12
symbol periods after the command strobe.
After the programmable start of frame
delimiter has been transmitted, data is
fetched from the TXFIFO.
A TXFIFO underflow is issued if too few
bytes
are
written
to
the
TXFIFO.
Transmission
is
then
automatically
stopped. The underflow is indicated in the
TX_UNDERFLOW
status bit, which is
returned during each address byte and
each byte written to the TXFIFO. The
underflow bit is only cleared by issuing a
SFLUSHTX
command strobe.
The TXFIFO can only contain one data
frame at a given time.
After complete transmission of a data
frame, the TXFIFO is automatically refilled
with the last transmitted frame. Issuing a
new STXON or STXONCCA command
strobe will then cause
CC2420 to retransmit
the last frame.
Writing to the TXFIFO after a frame has
been transmitted will cause the TXFIFO to
be automatically flushed before the new
byte is written. The only exception is if a
TXFIFO underflow has occurred, then a
SFLUSHTX
command strobe is required.
17.2
Buffered receive mode
In buffered receive mode (RX_MODE 0),
the 128 byte RXFIFO, located in
CC2420
RAM, is used to buffer data received by
the demodulator. Accessing data in the
RXFIFO is described in the FIFO access
section on page 31.
The FIFO and FIFOP pins are used to
assist the microcontroller in supervising
the RXFIFO. Please note that the FIFO
and FIFOP pins are only related to the
RXFIFO, even if
CC2420 is in transmit
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com