Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 82 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 82 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 78Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 79Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 80Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 81Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 82Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 83Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 84Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 85Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 86Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
CC2420
SWRS041B
Page 82 of 89
SFDMUX
Signal output on SFD pin
Description
0
SFD
Normal operation
1
ADC_I[0]
ADC, I-branch, LSB used for random number generation
2
DEMOD_RESYNCH_EARLY
High one 16 MHz clock cycle each time the demodulator
resynchronises early
3
LOCK_STATUS
Lock status, same as FSCTRL.LOCK_STATUS
4
MOD_CHIP
Chip rate data signal during transmission
5
MOD_SERIAL_DATA_OUT
Bit rate data signal during transmission
6
FFCTRL_FS_PD
Frequency synthesizer power down, active high
7
FFCTRL_ADC_PD
ADC power down, active high
8
FFCTRL_VGA_PD
VGA power down, active high
9
FFCTRL_RXBPF_PD
Receiver bandpass filter power down, active high
10
FFCTRL_LNAMIX_PD
Receiver LNA / Mixer power down, active high
11
FFCTRL_PA_P_PD
Power amplifier power down, active high
12
VGA_PEAK_DET[0]
VGA Peak detector, gain stage 0
13
VGA_PEAK_DET[2]
VGA Peak detector, gain stage 2
14
VGA_PEAK_DET[4]
VGA Peak detector, gain stage 4
15
AGC_LNAMIX_GAINMODE[0]
RF receiver front-end gain mode, bit 0
16
AGC_VGA_GAIN[0]
VGA gain setting, bit 0
17
RXBPF_CAL_CLK
Receiver bandpass filter calibration clock
18
-
Reserved
19
-
Reserved
20
-
Reserved
21
-
Reserved
22
-
Reserved
23
-
Reserved
24
PD_F_COMP
Frequency synthesizer frequency comparator value
25
FSDIG_FREF
Frequency synthesizer, 4 MHz reference signal
26
FSDIG_FPLL
Frequency synthesizer, 4 MHz divided signal
27
FSDIG_LOCK_WINDOW
Frequency synthesizer, lock window
28
WINDOW_SYNC
Frequency synthesizer, synchronized lock window
29
CLK_ADC_DIG
ADC clock signal 2
30
ZERO
Low
31
ONE
High
Table 13. SFD test signal select table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com