Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 70 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 70 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 66Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 67Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 68Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 69Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 71Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 72Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 73Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 92 page
background image
CC2420
SWRS041B
Page 70 of 89
SECCTRL0 (0x19) - Security Control Register
Bit
Field Name
Reset
R/W
Description
15:10
-
0
W0
Reserved, write as 0
9
RXFIFO_PROTECTION
1
R/W
Protection enable of the RXFIFO, see description in the RXFIFO
overflow section on page 33. Should be cleared if MAC level
security is not used or is implemented outside CC2420.
8
SEC_CBC_HEAD
1
R/W
Defines what to use for the first byte in CBC-MAC (does not
apply to CBC-MAC part of CCM):
0 : Use the first data byte as the first byte into CBC-MAC
1 : Use the length of the data to be authenticated (calculated as
(the packet length field – SEC_TXL – 2) for TX or using SEC_RXL
for RX) as the first byte into CBC-MAC (before the first data
byte).
This bit should be set high for CBC-MAC 802.15.4 inline security.
7
SEC_SAKEYSEL
1
R/W
Stand Alone Key select
0 : Key 0 is used
1 : Key 1 is used
6
SEC_TXKEYSEL
1
R/W
TX Key select
0 : Key 0 is used
1 : Key 1 is used
5
SEC_RXKEYSEL
0
R/W
RX Key select
0 : Key 0 is used
1 : Key 1 is used
4:2
SEC_M[2:0]
1
R/W
Number of bytes in authentication field for CBC-MAC, encoded
as (M-2)/2
0 : Reserved
1 : 4
2 : 6
3 : 8
4 : 10
5 : 12
6 : 14
7 : 16
1:0
SEC_MODE[1:0]
0
R/W
Security mode
0 : In-line security is disabled
1 : CBC-MAC
2 : CTR
3 : CCM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com