Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 10 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 10 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 6Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 7Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 10Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 12Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 13Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
CC2420
SWRS041B
Page 10 of 89
6.3
Receive Section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Receiver Sensitivity
-90
-95
dBm
PER = 1%, as specified by [1]
Measured in a 50
Ω single-ended
load through a balun.
[1] requires –85 dBm
Saturation (maximum input level)
0
10
dBm
PER = 1%, as specified by [1]
Measured in a 50
Ω single–ended
load through a balun.
[1] requires –20 dBm
Adjacent channel rejection
+ 5 MHz channel spacing
45
dB
Wanted signal @ -82 dBm,
adjacent modulated channel at
+5 MHz, PER = 1 %, as specified
by [1].
[1] requires 0 dB
Adjacent channel rejection
- 5 MHz channel spacing
30
dB
Wanted signal @ -82 dBm,
adjacent modulated channel at
-5 MHz, PER = 1 %, as specified
by [1].
[1] requires 0 dB
Alternate channel rejection
+ 10 MHz channel spacing
54
dB
Wanted signal @ -82 dBm,
adjacent modulated channel at
+10 MHz, PER = 1 %, as
specified by [1]
[1] requires 30 dB
Alternate channel rejection
- 10 MHz channel spacing
53
dB
Wanted signal @ -82 dBm,
adjacent modulated channel at
-10 MHz, PER = 1 %, as
specified by [1]
[1] requires 30 dB
Channel rejection
≥ + 15 MHz
≤ - 15 MHz
62
62
dB
dB
Wanted signal @ -82 dBm.
Undesired signal is an IEEE
802.15.4 modulated channel,
stepped through all channels
from 2405 to 2480 MHz. Signal
level for PER = 1%.
Co-channel rejection
-3
dB
Wanted signal @ -82 dBm.
Undesired signal is an IEEE
802.15.4 modulated at the same
frequency as the desired signal.
Signal level for PER = 1%.
Blocking / Desensitisation
+/- 5 MHz from band edge
+/- 20 MHz from band edge
+/- 30 MHz from band edge
+/- 50 MHz from band edge
-28
-28
-27
-28
dBm
dBm
dBm
dBm
Wanted signal 3 dB above the
sensitivity level, CW jammer,
PER = 1%. Complies with EN
300 440 class 2.
Spurious emission
30 – 1000 MHz
1 – 12.75 GHz
-73
-58
dBm
dBm
Conducted measurement in a 50
Ω single ended load. Measured
according to EN 300 328, EN 300
440 class 2, FCC CFR47, Part 15
and ARIB STD-T-66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com