Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 52 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 52 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 48Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 49Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 50Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 51Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 52Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 53Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 54Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 55Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 92 page
background image
CC2420
SWRS041B
Page 52 of 89
In applications where the internal voltage
regulator is not used, connect VREG_EN
and VREG_IN to ground. VREG_OUT shall
be left open. Note that the battery monitor
will not work when the voltage regulator is
not used.
VREG_IN
Internal
bandgap
voltage
reference
1.25 V
VREG_OUT
VREG_EN
Regulator
Enable / disable
Figure 28. Voltage regulator, simplified schematic
30 Battery Monitor
The on-chip battery monitor enables
monitoring the unregulated voltage on the
VREG_IN
pin. It gives status information
on the voltage being above or below a
programmable threshold. A simplified
schematic of the battery monitor is shown
in Figure 29.
VREG_IN
Internal
bandgap
voltage
reference
1.25 V
BATTMON.BATTMON_VOLTAGE[4:0]
BATTMON.BATTMON_OK
BATTMON.BATTMON_EN
Figure 29. Battery monitor, simplified schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com