Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 40 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 40 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 36Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 37Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 38Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 39Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 40Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 41Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 42Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 43Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
CC2420
SWRS041B
Page 40 of 89
Multiple data frames may be in the
RXFIFO simultaneously, as long as the
total number of bytes does not exceed
128.
See the RXFIFO overflow section on page
33 for details on how a RXFIFO overflow
is detected and signalled.
17.3
Unbuffered, serial mode
Unbuffered mode should be used for
evaluation / debugging purposes only.
Buffered mode is recommended for all
applications.
In unbuffered mode, the FIFO and FIFOP
pins are reconfigured as data and data
clock pins. The TXFIFO and RXFIFO
buffers are not used in this mode. A
synchronous data clock is provided by
CC2420 at the FIFOP pin, and the FIFO
pin is used as data input/output. The
FIFOP
clock frequency is 250 kHz when
active. This is illustrated in Figure 22.
In
serial
transmit
mode
(MDMCTRL1.TX_MODE=1),
a
synchronisation sequence is inserted at
the start of each frame by hardware, as in
buffered mode. Data is sampled by
CC2420
on the positive edge of FIFOP and should
be updated by the microcontroller on the
negative edge of FIFOP. See Figure 22 for
an illustration of the timing in serial
transmit mode. The SFD and CCA pins
retain their normal operation also in serial
mode.
CC2420 will remain in serial transmit
mode until transmission is turned off
manually.
In
serial
receive
mode
(MDMCTRL1.RX_MODE=1)
byte
synchronisation is still performed by
CC2420. This means that the FIFOP clock
pin will remain inactive until a start of
frame
delimiter
has
been
detected.
Receive mode:
Incoming / outgoing
RF data
SFD
FIFOP
Transmit mode:
Preamble
FIFO
(from uC)
b0
b1
b2
b3
b4
b5
b6
b7
b8
b9 b10 b11
s0
s1
FIFOP
FIFO
(from
CC2420)
b0
b1
b2
b3
b4
s2
b8
b9 b10 b11
4 us
Figure 22. Unbuffered test mode, pin activity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com