Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 74 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 74 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 70Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 71Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 72Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 73Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 74Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 75Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 76Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 77Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 78Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 92 page
background image
CC2420
SWRS041B
Page 74 of 89
MANAND (0x21) - Manual signal AND override register
1
Bit
Field Name
Reset
R/W
Description
15
VGA_RESET_N
1
R/W
The VGA_RESET_N signal is used to reset the peak detectors in
the VGA in the RX chain.
14
BIAS_PD
1
R/W
Global bias power down (1)
13
BALUN_CTRL
1
R/W
The BALUN_CTRL signal controls whether the PA should
receive its required external biasing (1) or not (0) by controlling
the RX/TX output switch.
12
RXTX
1
R/W
RXTX signal: controls whether the LO buffers (0) or PA buffers
(1) should be used.
11
PRE_PD
1
R/W
Powerdown of prescaler.
10
PA_N_PD
1
R/W
Powerdown of PA (negative path).
9
PA_P_PD
1
R/W
Powerdown of PA (positive path). When PA_N_PD=1 and
PA_P_PD=1 the up-conversion mixers are in powerdown.
8
DAC_LPF_PD
1
R/W
Powerdown of TX DACs.
7
XOSC16M_PD
1
R/W
6
RXBPF_CAL_PD
1
R/W
Powerdown control of complex bandpass receive filter calibration
oscillator.
5
CHP_PD
1
R/W
Powerdown control of charge pump.
4
FS_PD
1
R/W
Powerdown control of VCO, I/Q generator, LO buffers.
3
ADC_PD
1
R/W
Powerdown control of the ADCs.
2
VGA_PD
1
R/W
Powerdown control of the VGA.
1
RXBPF_PD
1
R/W
Powerdown control of complex bandpass receive filter.
0
LNAMIX_PD
1
R/W
Powerdown control of LNA, down-conversion mixers and front-
end bias.
1 For some important signals the value used by analog and digital modules can be overridden manually. This is done
as follows for the hypothetical important signal IS:
IS_USED
= (IS * IS_AND_MASK) + IS_OR_MASK,
using boolean notation.
The AND-mask and OR-mask for the important signals listed resides in the MANAND and MANOR registers,
respectively.
Examples:
Writing 0xFFFE to MANAND and 0x0000 to MANOR will force LNAMIX_PD
≡0 whereas all other signals will be
unaffected.
Writing 0xFFFF to MANAND and 0x0001 to MANOR will force LNAMIX_PD
≡1 whereas all other signals will be
unaffected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com