Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 2 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 2 Page - Texas Instruments

  CC2420Z-RTR1 Datasheet HTML 1Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 2Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 3Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 4Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 5Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 6Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 7Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
CC2420
SWRS041B
Page 2 of 89
Table of contents
1
Abbreviations_________________________________________________________________5
2
References ___________________________________________________________________6
3
Features _____________________________________________________________________7
4
Absolute Maximum Ratings _____________________________________________________8
5
Operating Conditions __________________________________________________________8
6
Electrical Specifications ________________________________________________________9
6.1
Overall ___________________________________________________________________9
6.2
Transmit Section ___________________________________________________________9
6.3
Receive Section ___________________________________________________________10
6.4
RSSI / Carrier Sense _______________________________________________________11
6.5
IF Section _______________________________________________________________11
6.6
Frequency Synthesizer Section _______________________________________________11
6.7
Digital Inputs/Outputs ______________________________________________________12
6.8
Voltage Regulator _________________________________________________________13
6.9
Battery Monitor ___________________________________________________________13
6.10
Power Supply ____________________________________________________________13
7
Pin Assignment ______________________________________________________________15
8
Circuit Description ___________________________________________________________17
9
Application Circuit ___________________________________________________________19
9.1
Input / output matching _____________________________________________________19
9.2
Bias resistor ______________________________________________________________19
9.3
Crystal __________________________________________________________________19
9.4
Voltage regulator __________________________________________________________19
9.5
Power supply decoupling and filtering _________________________________________19
10
IEEE 802.15.4 Modulation Format ____________________________________________24
11
Configuration Overview _____________________________________________________25
12
Evaluation Software ________________________________________________________26
13
4-wire Serial Configuration and Data Interface __________________________________27
13.1
Pin configuration __________________________________________________________27
13.2
Register access____________________________________________________________27
13.3
Status byte _______________________________________________________________28
13.4
Command strobes _________________________________________________________29
13.5
RAM access______________________________________________________________29
13.6
FIFO access ______________________________________________________________31
13.7
Multiple SPI access ________________________________________________________31
14
Microcontroller Interface and Pin Description __________________________________32
14.1
Configuration interface _____________________________________________________32
14.2
Receive mode ____________________________________________________________33
14.3
RXFIFO overflow _________________________________________________________33
14.4
Transmit mode____________________________________________________________34
14.5
General control and status pins _______________________________________________35
15
Demodulator, Symbol Synchroniser and Data Decision ___________________________35
16
Frame Format _____________________________________________________________36
16.1
Synchronisation header _____________________________________________________36
16.2
Length field ______________________________________________________________37
16.3
MAC protocol data unit_____________________________________________________37
16.4
Frame check sequence ______________________________________________________38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com