Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 11 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 7Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 10Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 12Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 13Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 14Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
CC2420
SWRS041B
Page 11 of 89
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Frequency error tolerance
-300
300
kHz
Difference between centre
frequency of the received RF
signal and local oscillator
frequency
[1] requires 200 kHz
Symbol rate error tolerance
120
ppm
Difference between incoming
symbol rate and the internally
generated symbol rate
[1] requires 80 ppm
Data latency
3
µs
Processing delay in receiver.
Time from complete transmission
of SFD until complete reception
of SFD, i.e. from SFD goes active
on transmitter until active on
receiver.
6.4
RSSI / Carrier Sense
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Carrier sense level
− 77
dBm
Programmable in
RSSI.CCA_THR
RSSI dynamic range
100
dB
The range is approximately from
–100 dBm to 0 dBm
RSSI accuracy
± 6
dB
See page 48 for details
RSSI linearity
± 3
dB
RSSI average time
128
µs
8 symbol periods, as specified by
[1]
6.5
IF Section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Intermediate frequency (IF)
2
MHz
6.6
Frequency Synthesizer Section
Parameter
Min.
Typ.
Max.
Unit
Condition / Note
Crystal oscillator frequency
16
MHz
See page 53 for details.
Crystal frequency accuracy
requirement
- 40
40
ppm
Including aging and temperature
dependency, as specified by [1]
Crystal operation
Parallel
C381 and C391 are loading
capacitors, see page 53



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com