Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 76 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 76 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 72Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 73Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 74Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 75Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 76Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 77Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 78Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 79Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 80Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 92 page
background image
CC2420
SWRS041B
Page 76 of 89
AGCTST0 (0x24) - AGC Test Register 0
Bit
Field Name
Reset
R/W
Description
15:12
LNAMIX_HYST[3:0]
3
R/W
Hysteresis on the switching between different RF front-end
gain modes, defined in 2 dB steps
11:6
LNAMIX_THR_H[5:0]
25
R/W
Threshold for switching between medium and high RF front-
end gain mode, defined in 2 dB steps
5:0
LNAMIX_THR_L[5:0]
9
R/W
Threshold for switching between low and medium RF front-end
gain mode, defined in 2 dB steps
AGCTST1 (0x25) - AGC Test Register 1
Bit
Field Name
Reset
R/W
Description
15
-
0
W0
Reserved, write as 0
14
AGC_BLANK_MODE
0
R/W
Set the VGA blanking mode when switching out a gain stage
When VGA_GAIN_OE = 0:
0 : Blanking is performed when the AGC algorithm switches
out one or more 14dB gain stages.
1 : Blanking is never performed.
When VGA_GAIN_OE = 1:
Blanking is performed when AGC_BLANK_MODE=1
13
PEAKDET_CUR_BOOST
0
R/W
Doubles the bias current in the peak-detectors in-between the
VGA stages when set.
12:11
AGC_SETTLE_WAIT[1:0]
1
R/W
Timing for AGC to wait for analog gain to settle.
10:8
AGC_PEAK_DET_MODE
[2:0]
0
R/W
Sets the AGC mode for use of the VGA peak detectors:
Bit 2 : Digital ADC peak detector enable / disable
Bit 1 : Analog fixed stages peak detector enable /
disable
Bit 0 : Analog variable gain stage peak detector enable /
disable
7:6
AGC_WIN_SIZE[1:0]
1
R/W
Window size for the accumulate and dump function in the
AGC.
0 : 8 samples
1 : 16 samples
2 : 32 samples
3 : 64 samples
5:0
AGC_REF[5:0]
20
R/W
Target value for the AGC control loop, given in 2 dB steps.
Reset value corresponds to approximately 25% of the ADC
dynamic range in reception.
AGCTST2 (0x26) - AGC Test Register 2
Bit
Field Name
Reset
R/W
Description
15:10
-
0
W0
Reserved, write as 0
9:5
MED2HIGHGAIN[4:0]
9
R/W
MED2HIGHGAIN sets the difference in the receiver
LNA/MIXER gain from medium gain mode to high gain mode,
used by the AGC for setting the correct front-end gain mode.
4:0
LOW2MEDGAIN[4:0]
10
R/W
LOW2MEDGAIN sets the difference in the receiver
LNA/MIXER gain from low gain mode to medium gain mode,
used by the AGC for setting the correct front-end gain mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com