Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 8 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 8 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 4Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 5Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 6Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 7Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 8Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 9Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 10Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 92 page
background image
CC2420
SWRS041B
Page 8 of 89
4
Absolute Maximum Ratings
Parameter
Min.
Max.
Units
Condition
Supply voltage for on-chip voltage regulator,
VREG_IN
pin 43.
-0.3
3.6
V
Supply voltage (VDDIO) for digital I/Os, DVDD3.3,
pin 25.
-0.3
3.6
V
Supply voltage (VDD) on AVDD_VCO, DVDD1.8,
etc (pin no 1, 2, 3, 4, 10, 14, 15, 17, 18, 20, 26, 35,
37, 44 and 48)
−0.3
2.0
V
Voltage on any digital I/O pin, (pin no. 21, 27-34
and 41)
-0.3
VDDIO+0.3, max 3.6
V
Voltage on any other pin, (pin no. 6, 7, 8, 11, 12,
13, 16, 36, 38, 39, 40, 45, 46 and 47)
-0.3
VDD+0.3, max 2.0
V
Input RF level
10
dBm
Storage temperature range
−50
150
°C
Reflow solder temperature
260
°C
T = 10 s
The absolute maximum ratings given
above should under no circumstances be
violated. Stress exceeding one or more of
the limiting values may cause permanent
damage to the device.
Caution!
ESD
sensitive
device.
Precaution should be used when handling
the device in order to prevent permanent
damage.
5
Operating Conditions
Parameter
Min.
Typ.
Max.
Units
Condition
Supply voltage for on-chip voltage regulator,
VREG_IN
pin 43.
2.1
3.6
V
Supply voltage (VDDIO) for digital I/Os, DVDD3.3,
pin 25 .
1.6
3.6
V
The digital I/O voltage (DVDD3.3 pin)
must match the external interfacing
circuit (e.g. microcontroller).
Supply voltage (VDD) on AVDD_VCO, DVDD1.8,
etc (pin no 1, 2, 3, 4, 10, 14, 15, 17, 18, 20, 26, 35,
37, 44 and 48)
1.6
1.8
2.0
V
The typical application uses regulated
1.8 V supply generated by the on-chip
voltage regulator.
Operating ambient temperature range, TA
−40
85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com