Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CC2420Z-RTR1 Datasheet(PDF) 15 Page - Texas Instruments

Part # CC2420Z-RTR1
Description  2.4 GHz IEEE 802.15.4 / ZigBee-ready RF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CC2420Z-RTR1 Datasheet(HTML) 15 Page - Texas Instruments

Back Button CC2420Z-RTR1 Datasheet HTML 11Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 12Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 13Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 14Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 15Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 16Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 17Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 18Page - Texas Instruments CC2420Z-RTR1 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 92 page
background image
CC2420
SWRS041B
Page 15 of 89
7
Pin Assignment
QLP48
7x7
1
2
3
4
5
6
7
8
9
10
11
12
35
34
33
32
31
30
29
28
27
26
25
36
CC2420
RF_P
RF_N
AVDD_PRE
AVDD_RF1
TXRX_SWITCH
AVDD_VCO
VCO_GUARD
AVDD_SW
GND
GND
NC
NC
CSn
FIFO
FIFOP
CCA
SFD
DVDD1.8
SCLK
DVDD_RAM
SI
SO
DVDD3.3
NC
AGND
Exposed die
attach pad
Figure 1.
CC2420 Pinout – Top View
Pin
Pin Name
Pin type
Pin Description
-
AGND
Ground (analog)
Exposed die attach pad. Must be connected to solid ground
plane
1
VCO_GUARD
Power (analog)
Connection of guard ring for VCO (to AVDD) shielding
2
AVDD_VCO
Power (analog)
1.8 V Power supply for VCO
3
AVDD_PRE
Power (analog)
1.8 V Power supply for Prescaler
4
AVDD_RF1
Power (analog)
1.8 V Power supply for RF front-end
5
GND
Ground (analog)
Grounded pin for RF shielding
6
RF_P
RF I/O
Positive RF input/output signal to LNA/from PA in
receive/transmit mode
7
TXRX_SWITCH
Power (analog)
Common supply connection for integrated RF front-end. Must
be connected to RF_P and RF_N externally through a DC
path
8
RF_N
RF I/O
Negative RF input/output signal to LNA/from PA in
receive/transmit mode
9
GND
Ground (analog)
Grounded pin for RF shielding
10
AVDD_SW
Power (analog)
1.8 V Power supply for LNA / PA switch
11
NC
-
Not Connected
12
NC
-
Not Connected
13
NC
-
Not Connected
14
AVDD_RF2
Power (analog)
1.8 V Power supply for receive and transmit mixers
15
AVDD_IF2
Power (analog)
1.8 V Power supply for transmit / receive IF chain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com